Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTR025N05 Datasheet(PDF) 2 Page - Rohm

Part No. RTR025N05
Description  2.5V Drive Nch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

RTR025N05 Datasheet(HTML) 2 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.A
Data Sheet
RTR025N05
Electrical characteristics (Ta=25
°C)
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
∗Pulsed
Parameter
Symbol
IGSS
Yfs
Min.
−−
±10
µAVGS= ±12V, VDS=0V
VDD
25V
Typ.
Max.
Unit
Conditions
V(BR)DSS
45
−−
VID= 1mA, VGS=0V
IDSS
−−
1
µAVDS= 45V, VGS=0V
VGS (th)
0.5
1.5
V
VDS= 10V, ID= 1mA
95
130
ID= 2.5A, VGS= 4.5V
RDS (on)
100
140
m
m
m
ID= 2.5A, VGS= 4V
125
175
ID= 2.5A, VGS= 2.5V
2.0
−−
SVDS= 10V, ID= 2.5A
Ciss
250
pF
VDS= 10V
Coss
60
30
pF
VGS= 0V
Crss
9
pF
f=1MHz
td (on)
15
ns
tr
20
ns
td (off)
14
ns
tf
3.2
ns
Qg
0.9
nC
Qgs
0.7
nC
VGS= 4.5V
Qgd
−−
nC
ID= 2.5A
VDD
25
V
ID= 1.2A
VGS= 4.5V
RL
20.8
RG=10
RL
10
RG=10
Body diode characteristics (Source-drain) (Ta=25
°C)
VSD
∗Pulsed
−−
1.2
V
Forward voltage
IS= 2.5A, VGS=0V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn