Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG1825C Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG1825C
Description  HIGH-SPEED CURRENT-MODE PWM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1825C Datasheet(HTML) 3 Page - Microsemi Corporation

  SG1825C Datasheet HTML 1Page - Microsemi Corporation SG1825C Datasheet HTML 2Page - Microsemi Corporation SG1825C Datasheet HTML 3Page - Microsemi Corporation SG1825C Datasheet HTML 4Page - Microsemi Corporation SG1825C Datasheet HTML 5Page - Microsemi Corporation SG1825C Datasheet HTML 6Page - Microsemi Corporation SG1825C Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
H IGH -S PEED C URRENT -M ODE PWM
SG1825C/SG2825C/SG3825C
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1994
Rev. 1.3a
N OT R ECOMMENDED FOR N EW D ESIGNS
Supply Voltage Range
Voltage Amp Common Mode Range
Ramp Input Voltage Range
Current Limit / Shutdown Voltage Range
Source / Sink Output Current
Continuous
Pulse, 500ns
Voltage Reference Output Current
Oscillator Frequency Range
Oscillator Charging Current
Oscillator Timing Resistor
RT
Oscillator Timing Capacitor
CT
Operating Ambient Temperature Range:
SG1825C
TA
SG2825C
TA
SG3825C
TA
RECOMMENDED OPERATING CONDITIONS
(Note 2)
Parameter
Symbol
Units
Recommended Operating Conditions
Min.
Typ.
Max.
10
30
V
1.5
5.5
V
0
5.0
V
0
4.0
V
200
mA
1.0
A
110
mA
4
1500
kHz
0.030
3
mA
1
100
kΩ
0.470
10
nF
070
°C
-25
85
°C
-55
125
°C
Note 2. Range over which the device is functional.
ELECTRICAL CHARACTERISTICS
(Note 3)
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for SG3825C with 0°C ≤ T
A ≤ 70°C, SG2825C with
-25°C ≤ T
A ≤ 85°C, SG1825C with -55°C ≤ TA ≤ 125°C, and VIN=VC=15V. Low duty cycle pulse testing techniques are used which maintains junction
and case temperatures equal to the ambient temperature.)
Reference Section
Parameter
Symbol
Test Conditions
Output Voltage
TJ = 25°C, IL = 1mA
Line Regulation
VIN = 10 to 30V
Load Regulation
IL = 1 to 10mA
Temperature Stability (Note 3)
Over Operating Temperature
Total Output Range (Note 3)
Over Line, Load, and Temperature
Output Noise Voltage (Note 3)
f = 10Hz to 10kHz, IL = 0mA
Long Term Stability (Notes 3 &4)
TJ = 125°C, t = 1000hrs
Short Circuit Current
VREF = 0V
Oscillator Section (Note 5)
Initial Accuracy
TJ = 25°C, CCLK ≤ 10pF
Voltage Stability
VIN = 10 to 30V
Temperature Stability (Note 3)
Over Rated Operating Temperature
Total Frequency Limits (Note 3)
Over Line and Temperature
Minimum Frequency
RT = 100KΩ, CT = 0.01µF
Maximum Frequency
RT = 1KΩ, CT = 470pF
Clock High Level
ICLK = -1mA
Clock Low Level
ICLK = -1mA
Ramp Peak Voltage
Ramp Valley Voltage
Valley-to-Peak Amplitude
Note 3. This parameter is guaranteed by design and process control, but is not 100% tested in production.
Note 4. This parameter is non-accumulative, and represents the random fluctuation of the reference voltage within some error band when observed
over any 1000 hour period of time.
SG3825C
Units
Min. Typ. Max. Min. Typ. Max.
SG1825C/2825C
5.05 5.10 5.15 5.05 5.10 5.15
V
215
215
mV
515
515
mV
0.2
0.4
0.2
0.4
mV/°C
5.00
5.20 5.00
5.20
V
50
200
50
µV
RMS
525
525
mV
-15
-50 -100 -15
-50 -100
mA
370 400 430 370 400 430
kHz
0.2
2
0.2
2
%
58
58
%
350
450 350
450
kHz
4
4
kHz
1.5
1.5
MHz
3.9
4.5
3.9
4.5
V
2.3
2.9
2.3
2.9
V
2.6
2.8
3.0
2.6
2.8
3.0
V
0.7
1.0 1.25 0.7
1.0 1.25
V
1.6
1.8
2.0
1.6
1.8
2.0
V


Similar Part No. - SG1825C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1825C MICROSEMI-SG1825C Datasheet
184Kb / 7P
   HIGH - SPEED CURRENT - MODE PWM
SG1825CJ MICROSEMI-SG1825CJ Datasheet
184Kb / 7P
   HIGH - SPEED CURRENT - MODE PWM
SG1825CJ/883B MICROSEMI-SG1825CJ/883B Datasheet
184Kb / 7P
   HIGH - SPEED CURRENT - MODE PWM
SG1825CJ/DESC MICROSEMI-SG1825CJ/DESC Datasheet
184Kb / 7P
   HIGH - SPEED CURRENT - MODE PWM
SG1825CL MICROSEMI-SG1825CL Datasheet
184Kb / 7P
   HIGH - SPEED CURRENT - MODE PWM
More results

Similar Description - SG1825C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1825C MICROSEMI-SG1825C Datasheet
184Kb / 7P
   HIGH - SPEED CURRENT - MODE PWM
logo
Intersil Corporation
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
57Kb / 2P
   Single Event Radiation Hardened High Speed, Current Mode PWM
logo
Renesas Technology Corp
HA16150T RENESAS-HA16150T Datasheet
297Kb / 25P
   High-Speed Current Mode Push-Pull PWM Control IC
logo
Intersil Corporation
IS-1845ASRH INTERSIL-IS-1845ASRH_08 Datasheet
202Kb / 3P
   Single Event Radiation Hardened High Speed, Current Mode PWM
IS-1845ASEH INTERSIL-IS-1845ASEH Datasheet
151Kb / 3P
   Single Event Radiation Hardened High Speed, Current Mode PWM
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Hitachi Semiconductor
HA17384 HITACHI-HA17384 Datasheet
144Kb / 31P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Renesas Technology Corp
HA17384SPS RENESAS-HA17384SPS Datasheet
477Kb / 29P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Hitachi Semiconductor
HA17384SPS HITACHI-HA17384SPS Datasheet
145Kb / 31P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
List of Unclassifed Man...
AX3842 ETC-AX3842 Datasheet
265Kb / 12P
   High Performance Current Mode Pwm Controlers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com