Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6008ANX Datasheet(PDF) 1 Page - Rohm

Part # R6008ANX
Description  10V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R6008ANX Datasheet(HTML) 1 Page - Rohm

  R6008ANX Datasheet HTML 1Page - Rohm R6008ANX Datasheet HTML 2Page - Rohm R6008ANX Datasheet HTML 3Page - Rohm R6008ANX Datasheet HTML 4Page - Rohm R6008ANX Datasheet HTML 5Page - Rohm R6008ANX Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/5
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.05 - Rev.B
TO-220FM
(1)Base
(2)Collector
(3)Emitter
4.5
2.8
0.75
φ3.2
(2)(3)
(1)
0.8
2.54
2.6
2.54
1.3
1.2
10.0
∗1 Body Diode
(1) Gate
(2) Drain
(3) Source
∗1
(1)
(2)
(3)
10V Drive Nch MOSFET
R6008ANX
Structure
Dimensions (Unit : mm)
Silicon N-channel MOSFET
Features
1) Low on-resistance.
2) Fast switching speed.
3) Wide SOA (safe operating area).
4) Gate-source voltage (VGSS) guaranteed to be
±30V.
5) Drive circuits can be simple.
6) Parallel use is easy.
Applications
Switching
Packaging specifications
Inner circuit
Package
Code
Basic ordering unit (pieces)
500
Bulk
R6008ANX
Type
Absolute maximum ratings (Ta=25
°C)
Parameter
Range of storage temperature
Channel temperature
Total power dissipation (Tc=25
°C)
Drain current
Gate-source voltage
Drain-source voltage
VDSS
VGSS
PD
Tch
600
V
V
A
W
°C
±30
±8
ID
IDP
Continuous
Pulsed
A
±32
50
150
Tstg
°C
−55 to +150
Avalanche Energy
Avalanche Current
IAS
4
EAS
4.3
Symbol
Limits
Unit
∗1 Pw≤10µs, Duty cycle≤1%
∗2 L 500µH, VDD=50V, RG=25Ω, Starting, Tch=25°C
∗3 Limited only by maximum tempterature allowed
∗1
∗3
∗3
IS
A
ISP
A
A
mJ
Continuous
Pulsed
8
32
Source current
(Body Diode)
∗1
∗2
∗2
Thermal resistance
Parameter
°C/W
Rth(ch-c)
Symbol
Limits
Unit
Channel to case
2.5


Similar Part No. - R6008ANX

ManufacturerPart #DatasheetDescription
logo
Rohm
R6008ANX ROHM-R6008ANX Datasheet
1,009Kb / 14P
   Nch 600V 8A Power MOSFET
R6008ANX ROHM-R6008ANX_12 Datasheet
1,009Kb / 14P
   Nch 600V 8A Power MOSFET
More results

Similar Description - R6008ANX

ManufacturerPart #DatasheetDescription
logo
Rohm
R5007ANX ROHM-R5007ANX Datasheet
287Kb / 6P
   10V Drive Nch MOSFET
R5009ANX ROHM-R5009ANX Datasheet
274Kb / 6P
   10V Drive Nch MOSFET
R5013ANX ROHM-R5013ANX Datasheet
243Kb / 6P
   10V Drive Nch MOSFET
ZDX130N50 ROHM-ZDX130N50 Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5019ANJ ROHM-R5019ANJ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R6020FNX ROHM-R6020FNX Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCD040N25 ROHM-RCD040N25 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCX450N20 ROHM-RCX450N20 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
R6020ANZ ROHM-R6020ANZ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5011ANJ ROHM-R5011ANJ Datasheet
269Kb / 6P
   10V Drive Nch MOSFET
R5011ANX ROHM-R5011ANX Datasheet
237Kb / 6P
   10V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com