Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG1549Y/883B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SG1549Y/883B
Description  CURRENT SENSE LATCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1549Y/883B Datasheet(HTML) 1 Page - Microsemi Corporation

  SG1549Y/883B Datasheet HTML 1Page - Microsemi Corporation SG1549Y/883B Datasheet HTML 2Page - Microsemi Corporation SG1549Y/883B Datasheet HTML 3Page - Microsemi Corporation SG1549Y/883B Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev 1.1a 03/17/2005
Microsemi Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
1
(714) 898-8121
∞ FAX: (714) 893-2570
SG1549/SG2549/SG3549
CURRENT SENSE LATCH
DESCRIPTION
This monolithic integrated circuit is an analog latch device with digital reset. It was
specifically designed to provide pulse-by-pulse current limiting for switch-mode power
supply systems, but many other application are also feasible. Its function is to provide
a latching switch action upon sensing an input threshold voltage, with reset accom-
plished by an external clock signal. This device can be interfaced directly with many
kinds of pulse width modulating control IC's, including the SG1524, SG1525A and
SG1527A.
The input threshold for the latch circuit is 100mV, which can be referenced either to
ground or to a wide-ranging positive voltage. There are high and low-going output
signals available, and both the supply voltage and clock signal can be taken directly
from an associated PWM control chip.
With delays in the range of 200 nanoseconds, this latch circuit is ideal for fast reaction
sensing to provide overall current limiting, short circuit protection, or transformer
saturation control.
FEATURES
••••• Current sensing with 100mV
threshold
••••• Common-mode input at ground or
to 40V
••••• Complementary outputs
••••• Automatic reset from PWM clock
••••• 180ns delay
••••• Interface direct to SG1524,
SG1525A, SG1527A
HIGH RELIABILITY FEATURES
- SG1549
♦ Available to MIL-STD-883
♦ LMI level "S" processing available
♦ Radiation data available
BLOCK DIAGRAM
SCHEMATIC


Similar Part No. - SG1549Y/883B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1549Y/883B MICROSEMI-SG1549Y/883B Datasheet
74Kb / 4P
   CURRENT SENSE LATCH
More results

Similar Description - SG1549Y/883B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1549 MICROSEMI-SG1549 Datasheet
74Kb / 4P
   CURRENT SENSE LATCH
SG3549D MICROSEMI-SG3549D Datasheet
183Kb / 4P
   CURRENT SENSE LATCH
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
XFMRS Inc.
XF1806-EE5CS XFMRS-XF1806-EE5CS Datasheet
37Kb / 1P
   Current Sense
XF0033-EE5CS XFMRS-XF0033-EE5CS_15 Datasheet
43Kb / 1P
   CURRENT SENSE
XF3206-EE5CS XFMRS-XF3206-EE5CS Datasheet
37Kb / 1P
   Current Sense
XF9806-EE5CS XFMRS-XF9806-EE5CS Datasheet
40Kb / 1P
   Current Sense
XF0153-CS6 XFMRS-XF0153-CS6 Datasheet
52Kb / 1P
   Current Sense
XF0603-CS6 XFMRS-XF0603-CS6 Datasheet
55Kb / 1P
   Current Sense
XF0033-EE5CS XFMRS-XF0033-EE5CS Datasheet
43Kb / 1P
   Current Sense
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com