Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG3548J Datasheet(PDF) 4 Page - Microsemi Corporation

Part # SG3548J
Description  QUAD POWER FAULT MONITOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG3548J Datasheet(HTML) 4 Page - Microsemi Corporation

  SG3548J Datasheet HTML 1Page - Microsemi Corporation SG3548J Datasheet HTML 2Page - Microsemi Corporation SG3548J Datasheet HTML 3Page - Microsemi Corporation SG3548J Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev 1.2a
Copyright
© 1997
11861 Western Avenue
∞ Garden Grove, CA 92841
4
(714) 898-8121
∞ FAX: (714) 893-2570
SG1548/SG2548/SG3548
APPLICATION EXAMPLE
In this example, the SG1548 simultaneously monitors four DC voltages: +5V, +24V, and ±15V. Three different fault tolerances are
programmed: ±5% on the two 15V supplies, ±10% on the +5V supply, and ±20% on the +24V supply. The 5
µF delay capacitor provides
125 milliseconds of fault delay.
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
Ambient
Temperature Range
Part No.
Package
Connection Diagram
16-PIN CERAMIC DIP
J - PACKAGE
SG1548J/883B
-55
°C to 125°C
SG1548J
-55
°C to 125°C
SG2548J
-25
°C to 85°C
SG3548J
0
°C to 70°C
SG2548N
-25
°C to 85°C
SG3548N
0
°C to 70°C
16-PIN PLASTIC DIP
N - PACKAGE
2
3
4
5
6
7
8
1
15
16
14
13
10
9
12
11
2
3
4
5
6
7
8
16-PIN WIDE BODY
PLASTIC S.O.I.C.
DW - PACKAGE
SG2548DW
-25
°C to 85°C
SG3548DW
0
°C to 70°C
INV. OUTPUT
INV. INPUT
SENSE 4
SENSE 3
SENSE 2
SENSE 1
U.V. FAULT
O.V. FAULT
DELAY
V
REF
GROUND
LOWER THRESHOLD
COLLECTOR OUTPUT
EMITTER OUTPUT
+V
IN
LINE SENSE
15
16
14
13
10
9
12
11
1
DELAY
V
REF
GROUND
LOWER THRESHOLD
+V
IN
LINE SENSE
COLLECTOR OUTPUT
EMITTER OUTPUT
INV. OUTPUT
INV. INPUT
SENSE 4
SENSE 3
SENSE 2
SENSE 1
U.V. FAULT
O.V. FAULT
20-PIN CERAMIC (LCC)
LEADLESS CHIP CARRIER
L- PACKAGE
SG1548L/883B
-55
°C to 125°C
SG1548L
-55
°C to 125°C
Note 1. Contact factory for JAN and DESC product availability.
2. All parts are viewed from the top.
11. N.C.
12. O.V. FAULT
13. U.V. FAULT
14. SENSE 1
15. SENSE 2
16. N.C.
17. SENSE 3
18. SENSE 4
19. INV. INPUT
20. INV. OUTPUT
1. N.C.
2. LOWER THRESHOLD
3. GROUND
4. V
REF
5. +V
IN
6. N.C.
7. LINE SENSE
8. EMITTER OUTPUT
9. COLLECTOR
OUTPUT
4
5
6
7
8
321
9
111213
10
14
15
16
17
18
20 19
10.DELAY
Pb- free / RoHS Transition DC: 0503*
N package: Pb-free / RoHS 100% Matte Tin Lead Finish
*RoHS Compliant
Pb- free / RoHS Transition DC: 0516*
DW package: Pb-free / RoHS 100% Matte Tin Lead Finish


Similar Part No. - SG3548J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG3548J MICROSEMI-SG3548J Datasheet
52Kb / 4P
   QUAD POWER FAULT MONITOR
More results

Similar Description - SG3548J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1548 MICROSEMI-SG1548 Datasheet
52Kb / 4P
   QUAD POWER FAULT MONITOR
logo
Littelfuse
PGR-6101 LITTELFUSE-PGR-6101 Datasheet
812Kb / 16P
   GROUND-FAULT & INSULATION MONITOR
logo
Microchip Technology
TC3404 MICROCHIP-TC3404 Datasheet
451Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2002
TC3404 MICROCHIP-TC3404_05 Datasheet
305Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2005
logo
Linear Technology
LTC6801 LINER-LTC6801 Datasheet
264Kb / 28P
   Independent Multicell Battery Stack Fault Monitor
LTC6801 LINER-LTC6801_15 Datasheet
276Kb / 28P
   Independent Multicell Battery Stack Fault Monitor
logo
Intersil Corporation
ISL88041 INTERSIL-ISL88041 Datasheet
277Kb / 7P
   Quad Voltage Monitor
logo
Renesas Technology Corp
ISL88041 RENESAS-ISL88041 Datasheet
429Kb / 7P
   Quad Voltage Monitor
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
   Quad Fault Protected Peripheral Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com