Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2548J Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG2548J
Description  QUAD POWER FAULT MONITOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2548J Datasheet(HTML) 3 Page - Microsemi Corporation

  SG2548J Datasheet HTML 1Page - Microsemi Corporation SG2548J Datasheet HTML 2Page - Microsemi Corporation SG2548J Datasheet HTML 3Page - Microsemi Corporation SG2548J Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev 1.2a
Copyright
© 1997
11861 Western Avenue
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞ FAX: (714) 893-2570
Fault Logic Outputs (Each output)
V
C = 40V
I
C = 10mA
Collector Leakage Current
Collector Saturation Voltage
2.500
25
1
1
0.2
13
AC Line Sense Section
V
PIN 5 = Low to High
V
PIN 5 = 2.5V
V
CE = 40V
I
C = 10mA
I
E = 10mA
I
PIN 5 = 1mA
I
PIN 5 = -1mA
Comparator Threshold
Comparator Hysteresis
Input Bias Current
Collector Leakage Current
Collector Saturation Voltage
Emitter Output Voltage
Diode Clamp Voltage
2.440
12
6.0
-0.3
2.560
2
10
0.5
7.5
-1.0
2.440
12
6.0
-0.3
2.500
25
1
1
0.2
13
2
-0.3
3.5
1.0
100
15
100
3.2
72
5
72
Inverting Op Amp Section (Note 5)
I
SOURCE = 5mA
I
SINK = 5mA
R
L = 10K
+V
IN = 4.5V to 35V
Input Offset Voltage
Input Bias Current
Output High Voltage
Output Low Voltage
Large Signal Voltage Gain
Output Source Current
Power Supply Rejection Ratio
mV
µA
V
V
dB
mA
dB
1.250
25
50
0.1
+3.2
1.200
32.5
V
PIN 8 = 0V
I
PIN 8 = 0mA
I
PIN 8 = 0mA
Comparator Threshold
Comparator Hysteresis
Delay Charging Current
On Saturation Voltage
OFF Clamp Voltage
SG1548/SG2548/SG3548
Min. Typ. Max.
SG3548
SG1548/2548
Test Conditions
Parameter
Units
ELECTRICAL CHARACTERISTICS (continued)
Min. Typ. Max.
APPLICATION INFORMATION
Note 5. +V
IN
= 4.5V.
Fault Delay Section
1.300
67.5
0.2
+3.6
1.200
32.5
1.250
25
50
0.1
+3.2
1.300
67.5
0.2
+3.6
V
mV
µA
V
V
15
-1.0
1.9
25
3.2
72
5
72
2
-0.3
3.5
1.0
100
15
100
15
-1.0
1.9
25
2.560
2
10
0.5
7.5
-1.0
V
mV
µA
µA
V
V
V
V
µA
V
10
0.5
1
0.2
10
0.5
1
0.2
SETTING THE FAULT TOLERANCE WINDOW
The fault tolerance window is set by applying a voltage less than
the +2.50Vreference to the Lower Threshold input (Pin 1). The
voltage is obtained by a resistor divider from the reference (Pin 3)
to ground. If ±5% tolerance is desired, then 95% of the reference
(+2.375V) is applied to Pin 1. If ±40% is wanted, then 60% of the
reference (+1.50V) is applied. In the example on the back page,
the tolerance is ±5%. The nominal overvoltage and undervoltage
thresholds are centered about the reference at +2.625V and
+2.375V (+2.500V ±0.125V).
SCALING THE MONITORED SUPPLY VOLTAGES
Each positive voltage to be monitored is divided down to +2.50V
with a resistor network and connected to one of the Sense inputs.
Unused Sense inputs should be connected to the reference. This
will not increase the bias current. A variation of the monitored
voltages out of the programmed tolerance range will cause the
appropriate overvoltage or undervoltage fault output to switch
LOW. The effective tolerance on any input may be broadened
with an additional resistor to the voltage reference. The example
on the back page shows a ±10% tolerance on the +5Vsupply
although the SG1548 is programmed for a ±5% tolerance. The
procedure for calculating the resistor value is found in the
SG1548 Application Note.
MONITORING A NEGATIVE VOLTAGE
A negative voltage can be converted to a positive one and
simultaneously scaled to +2.50V by using the internal operational
amplifier as an inverter. Only an input resistor and feedback
resistor are required.
SETTING THE FAULT DELAY
A single capacitor at the Delay pin sets the time an out-of-
tolerance fault must persist before a fault is actually declared.
This feature allows switching noise on the supplies to be rejected.
The delay time is given by: Delay = 25ms/
µF .
AC LINE MONITORING
The AC line voltage can be monitored for single-cycle dropouts
with the few components shown in the example. A half-wave
rectifier charges the capacitor on positive line cycles. After the
positive peak and during the negative line cycle the capacitor
discharges from a fixed voltage controlled by the internal Zener
diode. If a positive cycle is missing, the capacitor discharges to
below the +2.5V trip point of the comparator, causing the output
transistor to turn on.


Similar Part No. - SG2548J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2548J MICROSEMI-SG2548J Datasheet
52Kb / 4P
   QUAD POWER FAULT MONITOR
More results

Similar Description - SG2548J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1548 MICROSEMI-SG1548 Datasheet
52Kb / 4P
   QUAD POWER FAULT MONITOR
logo
Littelfuse
PGR-6101 LITTELFUSE-PGR-6101 Datasheet
812Kb / 16P
   GROUND-FAULT & INSULATION MONITOR
logo
Microchip Technology
TC3404 MICROCHIP-TC3404 Datasheet
451Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2002
TC3404 MICROCHIP-TC3404_05 Datasheet
305Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2005
logo
Linear Technology
LTC6801 LINER-LTC6801 Datasheet
264Kb / 28P
   Independent Multicell Battery Stack Fault Monitor
LTC6801 LINER-LTC6801_15 Datasheet
276Kb / 28P
   Independent Multicell Battery Stack Fault Monitor
logo
Intersil Corporation
ISL88041 INTERSIL-ISL88041 Datasheet
277Kb / 7P
   Quad Voltage Monitor
logo
Renesas Technology Corp
ISL88041 RENESAS-ISL88041 Datasheet
429Kb / 7P
   Quad Voltage Monitor
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
   Quad Fault Protected Peripheral Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com