Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE12AE3 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # P6KE12AE3
Description  600 Watt TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P6KE12AE3 Datasheet(HTML) 3 Page - Microsemi Corporation

  P6KE12AE3 Datasheet HTML 1Page - Microsemi Corporation P6KE12AE3 Datasheet HTML 2Page - Microsemi Corporation P6KE12AE3 Datasheet HTML 3Page - Microsemi Corporation P6KE12AE3 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
600 Watt TRANSIENT VOLTAGE
SUPPRESSOR
S C O T TS DALE DIVISION
P6KE6.8 thru 200CA, e3
BREAKDOWN VOLTAGE
V(BR)
Min.
Nom.
Max.
TEST
CURRENT
I(BR)
RATED
STANDOFF
VOLTAGE
VWM
MAX
STANDBY
CURRENT
ID @ VWM
MAX
CLAMPING
VOLTAGE
VC @ IPP
PEAK PULSE
CURRENT
IPP
TEMPERATURE
COEFFICIANT
of
V(BR)
αV(BR)
MICROSEMI
PART
NUMBER
VDC
VDC
VDC
mA
V
μA
V
A
% /
oC
P6KE100
P6KE100A
P6KE110
P6KE110A
90
95
99
105
100
100
110
110
110
105
121
116
1
1
1
1
81
85.5
89.2
94
1
1
1
1
144
137
158
152
4.2
4.4
3.8
3.4
.106
.106
.107
.107
P6KE120
P6KE120A
P6KE130
P6KE130A
108
114
117
124
120
120
130
130
132
126
143
137
1
1
1
1
97.2
102
105
111
1
1
1
1
173
165
187
179
3.5
3.6
3.2
3.3
.107
.107
.107
.107
P6KE150
P6KE150A
P6KE160
P6KE160A
135
143
144
152
150
150
160
160
165
158
176
168
1
1
1
1
121
128
130
136
1
1
1
1
215
207
230
219
2.8
2.9
2.6
2.7
.108
.108
.108
.108
P6KE170
P6KE170A
P6KE180
P6KE180A
153
161
162
171
170
170
180
180
187
179
198
189
1
1
1
1
138
145
146
154
1
1
1
1
244
234
258
246
2.5
2.6
2.3
2.4
.108
.108
.108
.108
P6KE200
P6KE200A
180
190
200
200
220
210
1
1
162
171
1
1
287
274
2.1
2.2
.108
.108
Consult factory for higher voltages.
For Bidirectional Construction, indicate a C or CA suffix after part number, i.e. P6KE200CA. Capacitance will be one-half that shown in Figure 4.
SYMBOLS & DEFINITIONS
Symbol
Definition
Symbol
Definition
VWM
Working Peak (Standoff) Voltage
IPP
Peak Pulse Current
PPP
Peak Pulse Power
VC
Clamping Voltage
V(BR)
Breakdown Voltage
I(BR)
Breakdown Current for V(BR)
ID
Standby Current
GRAPHS
50
30
10
5.0
3.0
2.0
1.0
0.5
0.3
0.2
0.1
TL = 25
oC
0.1 0.2
0.5
1.0
2.0
5.0
10
20
50 100 200
1000
10,000
Test waveform parameters: tr=10
μs, tw=1000 μs
tw – Pulse Width -
μs
FIGURE 2
FIGURE 1
Pulse Waveform for
Microsemi
Scottsdale Division
Page 3
Peak Pulse Power vs. Pulse Time
Exponential Surge
Copyright
© 2007
6-20-2007 REV G
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - P6KE12AE3

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
P6KE12A HY-P6KE12A Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
DAESAN ELECTRONIC CORP.
P6KE12A DAESAN-P6KE12A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
SUNMATE electronic Co.,...
P6KE12A SUNMATE-P6KE12A Datasheet
71Kb / 4P
   600W Axial Lead Transient Voltage Suppessors
logo
Motorola, Inc
P6KE12A MOTOROLA-P6KE12A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE12A VISHAY-P6KE12A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
More results

Similar Description - P6KE12AE3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMBJ12A822 FAIRCHILD-SMBJ12A822 Datasheet
67Kb / 2P
   600 Watt Unidirectional Transient Voltage Suppressor
SMBJ12A933 FAIRCHILD-SMBJ12A933 Datasheet
83Kb / 2P
   600 Watt Unidirectional Transient Voltage Suppressor
logo
Microsemi Corporation
SMBJ20AE3 MICROSEMI-SMBJ20AE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ100CAE3 MICROSEMI-SMBJ100CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ13CAE3 MICROSEMI-SMBJ13CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ58AE3 MICROSEMI-SMBJ58AE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG18A MICROSEMI-SMBG18A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ26CAE3 MICROSEMI-SMBJ26CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ51E3 MICROSEMI-SMBJ51E3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG28CA MICROSEMI-SMBG28CA Datasheet
209Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com