Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG1543J Datasheet(PDF) 6 Page - Microsemi Corporation

Part # SG1543J
Description  POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1543J Datasheet(HTML) 6 Page - Microsemi Corporation

  SG1543J Datasheet HTML 1Page - Microsemi Corporation SG1543J Datasheet HTML 2Page - Microsemi Corporation SG1543J Datasheet HTML 3Page - Microsemi Corporation SG1543J Datasheet HTML 4Page - Microsemi Corporation SG1543J Datasheet HTML 5Page - Microsemi Corporation SG1543J Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Rev 1.1a
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
6
(714) 898-8121
∞ FAX: (714) 893-2570
Note 1. Contact factory for JAN and DESC product availablity.
2. All packages are viewed from the top.
3. Consult factory for product availability.
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
Ambient
Temperature Range
Part No.
Package
Connection Diagram
16-PIN CERAMIC DIP
J - PACKAGE
SG1543J/883B
-55
°C to 125°C
SG1543J/DESC
-55
°C to 125°C
SG1543J
-55
°C to 125°C
SG2543J
-25
°C to 85°C
SG3543J
0
°C to 70°C
SG2543N
-25
°C to 85°C
SG3543N
0
°C to 70°C
16-PIN PLASTIC DIP
N - PACKAGE
16-PIN WIDE BODY
PLASTIC S.O.I.C.
DW - PACKAGE
SG2543DW
-25
°C to 85°C
SG3543DW
0
°C to 70°C
2
3
4
5
6
7
8
1
13
12
11
14
15
10
9
16
2
3
4
5
6
7
8
1
11
14
15
16
9
12
10
13
V
REF
+V
IN
GROUND
C.L. OUTPUT
OFFSET/COMP
C.L. N.I. INPUT
C.L. INV. INPUT
U.V. INDICATE
REMOTE ACTIVATE
S.C.R. TRIGGER
U.V. DELAY
U.V. INPUT
O.V. INPUT
O.V. DELAY
RESET
O.V. INDICATE
V
REF
+V
IN
OFFSET/COMP
C.L. N.I. INPUT
C.L. INV. INPUT
U.V. INDICATE
C.L. OUTPUT
GROUND
O.V. DELAY
O.V. INDICATE
RESET
REMOTE ACTIVATE
S.C.R. TRIGGER
U.V. DELAY
U.V. INPUT
O.V. INPUT
20-PIN CERAMIC
LEADLESS CHIP CARRIER
L- PACKAGE
(Note 3)
SG1543L/883B
-55
°C to 125°C
SG1543L
-55
°C to 125°C
4
5
6
7
8
32
1
911 12 13
10
14
15
16
17
18
20 19
11. N.C.
12. U.V. INDICATE
13. C.L. INV. INPUT
14. C.L. N.I. INPUT
15. OFFSET/COMP
16. N.C.
17. C.L. OUTPUT
18. GROUND
19. V
REF
20. +V
IN
1. N.C.
2. SCR TRIGGER
3. REMOTE ACTIVATE
4. RESET
5. O.V. INDICATE
6. N.C.
7. O.V. DELAY
8. O.V. INPUT
9. U.V. INPUT
10. U.V. DELAY
N Package: RoHS Compliant / Pb-free Transition DC: 0503
N Package: RoHS / Pb-free 100% Matte Tin Lead Finish
DW Package: RoHS Compliant / Pb-free Transition DC: 0516
DW Package: RoHS / Pb-free 100% Matte Tin Lead Finish


Similar Part No. - SG1543J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1543J MICROSEMI-SG1543J Datasheet
118Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
SG1543J/883B MICROSEMI-SG1543J/883B Datasheet
118Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
SG1543J/DESC MICROSEMI-SG1543J/DESC Datasheet
118Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
More results

Similar Description - SG1543J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1543 MICROSEMI-SG1543 Datasheet
118Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
logo
Seme LAB
IP1543 SEME-LAB-IP1543 Datasheet
91Kb / 7P
   POWER SUPPLY SUPERVISORY CIRCUIT
logo
Texas Instruments
UC1544N TI-UC1544N Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI1-UC1543_16 Datasheet
1Mb / 19P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI-UC1543 Datasheet
455Kb / 6P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI1-UC1543_13 Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
logo
Maxim Integrated Produc...
MAX6886 MAXIM-MAX6886_12 Datasheet
144Kb / 13P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 1; 1/12
MAX6886 MAXIM-MAX6886 Datasheet
226Kb / 14P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 0; 2/05
logo
ON Semiconductor
MC3425 ONSEMI-MC3425 Datasheet
170Kb / 12P
   POWER SUPPLY SUPERVISORY/ OVER AND UNDERVOLTAGE PROTECTION CIRCUIT
1996 REV 2
logo
Unisonic Technologies
3521 UTC-3521_10 Datasheet
210Kb / 6P
   PWM CONTROLLER WITH SUPERVISORY CIRCUIT FOR SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com