Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG1532T Datasheet(PDF) 5 Page - Microsemi Corporation

Part # SG1532T
Description  PRECISION GENERAL-PURPOSE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1532T Datasheet(HTML) 5 Page - Microsemi Corporation

  SG1532T Datasheet HTML 1Page - Microsemi Corporation SG1532T Datasheet HTML 2Page - Microsemi Corporation SG1532T Datasheet HTML 3Page - Microsemi Corporation SG1532T Datasheet HTML 4Page - Microsemi Corporation SG1532T Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SG1532/SG2532/SG3532
2/93 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
5
(714) 898-8121
∞ FAX: (714) 893-2570
FIGURE 9 - HIGH EFFICIENCY LOW VOLTAGE REGULATOR
Output Voltage = 5V
Line Reg 7-20V = 10mV
Max Output Current = 9A
Load Reg 0-5A = 25mV
Min V
IN at 5A = 7.0V
Constant Current Limiting
FIGURE 10 - BASIC LOW CURRENT REGULATOR
I
SC =
R
3 =
V
OUT = VREF 1+
C
C
= 1000 pF
I
OUT
≤ 100mA
R
1
R
2
Sense Voltage
R
SC
R
1 R2
R
1+R2
APPLICATION INFORMATION
SG1532T/883B
-55°C to 125°C
SG1532T/DESC
-55°C to 125°C
SG1532T
-55°C to 125°C
SG2532T
0°C to 70°C
SG3532T
0°C to 70°C
(Notes 3 & 4)
3
2
1
4
5
6
7
8
9
10
CURRENT LIMIT
NON-INVERTING
INPUT
V
REF
V
OUT
SHUTDOWN
V-
V
IN & V C
INVERTING INPUT
10-PIN METAL CAN
T - PACKAGE
FREQ. COMPENSATION
CURRENT SENSE
Ambient
Temperature Range
Part No.
Package
Connection Diagram
2
3
4
5
1
6
7
14
13
10
12
11
9
8
INVERTING INPUT
V
REF
V-
NON-INVERTING INPUT
V
IN
FREQ. COMPENSATION
V
C
V
OUT
V
Z
SHUTDOWN
N.C.
CURRENT LIMIT
CURRENT SENSE
N.C.
14-PIN CERAMIC DIP
J - PACKAGE
SG1532J/883B
-55°C to 125°C
SG1532J/DESC
-55°C to 125°C
SG1532J
-55°C to 125°C
SG2532J
0°C to 70°C
SG3532J
0°C to 70°C
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
Note 1. Contact factory for JAN and DESC product availablity.
2. All packages are viewed from the top.
Note 3. V
Z output is not available in T-package.
4. Pin 5 is connected to case.
4
5
6
7
8
18
17
16
15
14
32
1
20 19
1. N.C.
2. CURRENT LIMIT
3. CURRENT SENSE
4. N.C.
5. INVERTING INPUT
6. N.C.
7. N. I. INPUT
8. V
REF
9. N.C.
10. V-
11. N.C.
12. SHUTDOWN
13. V
Z
14. N.C.
15. V
OUT
16. N.C.
17. V
C
18. V
IN
19. N.C.
20. FREQ. COMP.
10 11 12 13
9
SG1532L/883B
-55
°C to 125°C
SG1532L
-55
°C to 125°C
20-PIN CERAMIC
LEADLESS CHIP CARRIER
L- PACKAGE


Similar Part No. - SG1532T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1532T MICROSEMI-SG1532T Datasheet
99Kb / 5P
   PRECISION GENERAL-PURPOSE REGULATOR
SG1532T/883B MICROSEMI-SG1532T/883B Datasheet
99Kb / 5P
   PRECISION GENERAL-PURPOSE REGULATOR
SG1532T/DESC MICROSEMI-SG1532T/DESC Datasheet
99Kb / 5P
   PRECISION GENERAL-PURPOSE REGULATOR
More results

Similar Description - SG1532T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1532 MICROSEMI-SG1532 Datasheet
99Kb / 5P
   PRECISION GENERAL-PURPOSE REGULATOR
logo
Holtek Semiconductor In...
HT7230 HOLTEK-HT7230 Datasheet
358Kb / 10P
   General Purpose Regulator
logo
Toshiba Semiconductor
TA7089P TOSHIBA-TA7089P Datasheet
520Kb / 20P
   GENERAL PURPOSE VOLTAGE REGULATOR
logo
Renesas Technology Corp
ISL28177 RENESAS-ISL28177 Datasheet
1Mb / 15P
   40V General Purpose Precision Operational Amplifier
logo
Intersil Corporation
ISL28177FBZ INTERSIL-ISL28177FBZ Datasheet
1Mb / 15P
   40V General Purpose Precision Operational Amplifier
April 5, 2012
logo
Alpha & Omega Semicondu...
AOZ1905 AOSMD-AOZ1905 Datasheet
572Kb / 16P
   EZBoost 2A General Purpose Regulator
AOZ1915 AOSMD-AOZ1915 Datasheet
608Kb / 14P
   1.5A General Purpose Boost Regulator
logo
List of Unclassifed Man...
WW3JT330R ETC2-WW3JT330R Datasheet
92Kb / 3P
   General Purpose and Precision Wirewound Resistor
logo
Stackpole Electronics, ...
MWW SEI-MWW Datasheet
460Kb / 7P
   General Purpose and Precision Wirewound Resistor
11/29/2021
logo
New Japan Radio
NJM723 NJRC-NJM723 Datasheet
163Kb / 4P
   PRECISION VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com