Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG1526BJ Datasheet(PDF) 8 Page - Microsemi Corporation

Part # SG1526BJ
Description  REGULATING PULSE WIDTH MODULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1526BJ Datasheet(HTML) 8 Page - Microsemi Corporation

  SG1526BJ Datasheet HTML 1Page - Microsemi Corporation SG1526BJ Datasheet HTML 2Page - Microsemi Corporation SG1526BJ Datasheet HTML 3Page - Microsemi Corporation SG1526BJ Datasheet HTML 4Page - Microsemi Corporation SG1526BJ Datasheet HTML 5Page - Microsemi Corporation SG1526BJ Datasheet HTML 6Page - Microsemi Corporation SG1526BJ Datasheet HTML 7Page - Microsemi Corporation SG1526BJ Datasheet HTML 8Page - Microsemi Corporation SG1526BJ Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Rev 1.1a
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
8
(714) 898-8121
∞ FAX: (714) 893-2570
SG1526B/SG2526B/SG3526B
APPLICATION INFORMATION (continued)
OUTPUT DRIVERS
The totem-pole output drivers of the SG1526B are designed
to source and sink 100mA continuously and 200mA peak.
Loads can be driven either from the output pins 13 and 16,
or from the +V
C pin, as required.
Curves for the saturation
voltage at these outputs as a function of load current are
found in Figure 17.
FIGURE 26.
PUSH-PULL CONFIGURATION
FIGURE 28.
DRIVING N-CHANNEL POWER MOSFETS
FIGURE 27.
SINGLE-ENDED CONFIGURATION
SG1526B LAB TEST FIXTURE


Similar Part No. - SG1526BJ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1526BJ MICROSEMI-SG1526BJ Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG1526BJ/883B MICROSEMI-SG1526BJ/883B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG1526BJ/DESC MICROSEMI-SG1526BJ/DESC Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
More results

Similar Description - SG1526BJ

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com