Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2526N Datasheet(PDF) 6 Page - Microsemi Corporation

Part # SG2526N
Description  REGULATING PULSE WIDTH MODULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2526N Datasheet(HTML) 6 Page - Microsemi Corporation

  SG2526N Datasheet HTML 1Page - Microsemi Corporation SG2526N Datasheet HTML 2Page - Microsemi Corporation SG2526N Datasheet HTML 3Page - Microsemi Corporation SG2526N Datasheet HTML 4Page - Microsemi Corporation SG2526N Datasheet HTML 5Page - Microsemi Corporation SG2526N Datasheet HTML 6Page - Microsemi Corporation SG2526N Datasheet HTML 7Page - Microsemi Corporation SG2526N Datasheet HTML 8Page - Microsemi Corporation SG2526N Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Rev 1.1a
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
6
(714) 898-8121
∞ FAX: (714) 893-2570
SG1526/SG2526/SG3526
APPLICATION INFORMATION
VOLTAGE REFERENCE
The reference regulator of the SG1526 is based on a temperature compensated
zener diode. The circuitry is fully active at supply voltages above +8 volts., and
provides up to 20mA of load current to external circuitry at +5.0 volts. In systems
where additional current is required, an external PNP transistor can be used to
boost the available current. A rugged low frequency audio-type transistor should
be used, and lead lengths between the PWM and transistor should be as short as
possible to minimize the risk of oscillations. Even so, some types of transistors
may require collector-base capacitance for stability. Up to 1amp of load current
can be obtained with excellent regulation if the device selected maintains high
current gain.
UNDERVOLTAGE LOCKOUT
The undervoltage lockout circuit protects the SG1526 and the power devices it controls from inadequate supply voltage. If
+V
IN is too low, the circuit disables the output drivers and holds the RESET pin LOW. This prevents spurious output pulses
while the control circuitry is stabilizing, and holds the soft-start timing capacitor in a discharged state.
The circuit consists of a +1.2 volt bandgap reference and comparator circuit which
is active when the reference voltage has risen to 3V
BE’or 1.8 volts at 25°C. When
the reference voltage rises to approximately +4.4 volts, the circuit enables the
output drivers and releases the RESET pin, allowing a normal soft-start. The
comparator has 200mV of hysteresis to minimize oscillation at the trip point. When
+V
IN to the PWM is removed and the reference drops to +4.2 volts, the undervolt-
age circuit pulls RESET LOW again. The soft-start capacitor is immediately
discharged, and the PWM is ready for another soft-start cycle.
The SG1526 can operate from a +5 volt supply by connecting the V
REF pin to the
+V
IN pin and maintaining the supply between +4.8 and +5.2 volts.
FIGURE 18.
SIMPLIFIED UNDERVOLTAGE LOCKOUT
SOFT-START CIRCUIT
The soft-start circuit protects the power transistors and rectifier diodes from high
current surges during power supply turn-on. When supply voltage is first applied
to the SG1526, the undervoltage lockout circuit holds RESET LOW with Q3. Q1
is turned on, which holds the soft-start capacitor voltage at zero. The second
collector of Q1 clamps the output error amplifier to ground, guaranteeing zero duty
cycle at the driver outputs. When the supply voltage reaches normal operating
range, RESET will go HIGH. Q1 turns off, allowing the internal 100µA current
source to charge C
S.
Q2 clamps the error amplifier output to 1V
BE above the
voltage on C
S. As the soft-start voltage ramps up to +5 volts, the duty cycle of the
PWM linearly increases to whatever value the voltage regulation loop requires for
an error null. Figure 10 gives the timing relationship between C
S and ramp time
to 100% duty cycle.
FIGURE 19.
SOFT-START CIRCUIT SCHEMATIC
FIGURE 20.
DIGITAL CONTROL PORT SCHEMATIC
DIGITAL CONTROL PORTS
The three digital control ports of the SG1526 are bi-directional. Each pin can drive
TTL and 5 volt CMOS logic directly, up to a fan-out of 10 low-power Schottky gates.
Each pin can also be directly driven by open-collector voltage comparators; fan-
in is equivalent to 1 low-power Schottky gate. Each port is normally HIGH; the pin
is pulled LOW to activate the particular function. Driving SYNC LOW initiates a
discharge cycle in the oscillator. Pulling SHUTDOWN LOW immediately inhibits
all PWM output pulses. Holding RESET LOW discharges the soft-start capacitor.
The logic threshold is +1.1 volts at 25°C. Noise immunity can be gained at the
expense of fan-out with an external 2K pullup resistor to +5 volts.
FIGURE 17.
EXTENDING REFERENCE OUTPUT CURRENT


Similar Part No. - SG2526N

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2526N MICROSEMI-SG2526N Datasheet
182Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
More results

Similar Description - SG2526N

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com