Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG1526B Datasheet(PDF) 6 Page - Microsemi Corporation

Part # SG1526B
Description  REGULATING PULSE WIDTH MODULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1526B Datasheet(HTML) 6 Page - Microsemi Corporation

  SG1526B Datasheet HTML 1Page - Microsemi Corporation SG1526B Datasheet HTML 2Page - Microsemi Corporation SG1526B Datasheet HTML 3Page - Microsemi Corporation SG1526B Datasheet HTML 4Page - Microsemi Corporation SG1526B Datasheet HTML 5Page - Microsemi Corporation SG1526B Datasheet HTML 6Page - Microsemi Corporation SG1526B Datasheet HTML 7Page - Microsemi Corporation SG1526B Datasheet HTML 8Page - Microsemi Corporation SG1526B Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Rev 1.1a
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
6
(714) 898-8121
∞ FAX: (714) 893-2570
SG1526B/SG2526B/SG3526B
FIGURE 19.
OSCILLATOR PERIOD VS. R
T
AND C
T
APPLICATION INFORMATION
CHARACTERISTIC CURVES (continued)
VOLTAGE REFERENCE
The reference regulator of the SG1526B is a “band-gap” type; that is, the precision +5 volt
output is derived from the very predictable base-emitter voltage of an NPN transistor.
Since this is a sub-surface phenomenon, the resulting output exhibits excellent stability
compared to earlier surface-breakdown zener designs.
The reference output is stabilized at input voltages as low as +8 volts, and can provide
up to 20mA of load current to external circuitry. An external PNP transistor can be used
to boost the available current to many hundreds of mA. A rugged low-frequency audio-
type transistor should be used, and lead lengths between the PWM and transistor should
be as short as possible to minimize the risk of oscillation.
UNDERVOLTAGE LOCKOUT
The undervoltage lockout circuit protects the SG1526B and the power devices it controls
from inadequate supply voltage. If +V
IN is too low, the circuit disables the output drivers
and holds the RESET pin LOW. This prevents spurious output pulses while the control
circuitry is stabilizing, and holds the soft-start timing capacitor in a discharged state.
The circuit consists of a merged bandgap reference and comparator circuit which is
active when the reference voltage has risen to 2V
BE or 1.2 volts at 25
oC. When the
reference voltage rises to approximately +4.4 volts, the circuit enables the output drivers
and releases the RESET pin, allowing a normal softstart. The comparator has 200mV
of hysteresis to minimize oscillation at the trip point. When +V
IN to the PWM is removed
and the reference drops to +4.2 volts, the undervoltage circuit pulls RESET LOW again.
The soft-start capacitor is immediately discharged, and the PWM is ready for another
soft-start cycle.
The SG1526B can operate from a +5 volt supply regulated to within ±4% by connecting
the V
REF pin to the +VIN pin.
FIGURE 21.
SIMPLIFIED UNDERVOLTAGE LOCKOUT
The soft-start circuit protects the power transistors and rectifier diodes from high current
surges during power supply turn-on.
When supply voltage is first applied to the
SG1526B, the undervoltage lockout circuit holds RESET LOW with Q3. Q1 is turned on,
which holds the soft-start capacitor voltage at zero. The second collector of Q1 clamps
the output of the error amplifier to ground, guaranteeing zero duty cycle at the driver
outputs. When the supply voltage reaches normal operating range, RESET will go HIGH.
Q1 turns off, allowing the internal 100
µA current source to charge C
S. Q2 clamps the error
amplifier output to 1.0 V
BE above the voltage on CS.
As the soft-start voltage ramps up
to +5 volts, the duty cycle of the PWM linearly increases to whatever value the voltage
regulation loop requires for an error null. Figure 7 gives the timing relationship between
C
S ramp time to 100% duty cycle.
FIGURE 20.
EXTENDING REFERENCE OUTPUT CURRENT
FIGURE 22.
SOFT-START CIRCUIT SCHEMATIC
SOFT-START CIRCUIT


Similar Part No. - SG1526B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG1526BJ MICROSEMI-SG1526BJ Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG1526BJ/883B MICROSEMI-SG1526BJ/883B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG1526BJ/DESC MICROSEMI-SG1526BJ/DESC Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG1526BL MICROSEMI-SG1526BL Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
More results

Similar Description - SG1526B

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com