Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG1525AJ/DESC Datasheet(PDF) 7 Page - Microsemi Corporation

Part # SG1525AJ/DESC
Description  REGULATING PULSE WIDTH MODULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1525AJ/DESC Datasheet(HTML) 7 Page - Microsemi Corporation

  SG1525AJ/DESC Datasheet HTML 1Page - Microsemi Corporation SG1525AJ/DESC Datasheet HTML 2Page - Microsemi Corporation SG1525AJ/DESC Datasheet HTML 3Page - Microsemi Corporation SG1525AJ/DESC Datasheet HTML 4Page - Microsemi Corporation SG1525AJ/DESC Datasheet HTML 5Page - Microsemi Corporation SG1525AJ/DESC Datasheet HTML 6Page - Microsemi Corporation SG1525AJ/DESC Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rev 1.4a
Copyright
© 1996
11861 Western Avenue
∞ Garden Grove, CA 92841
7
(714) 898-8121
∞ FAX: (714) 893-2570
Note 1. Contact factory for JAN and DESC product availablity.
2. All packages are viewed from the top.
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
16-PIN CERAMIC DIP
J - PACKAGE
Ambient
Temperature Range
SG1525AJ/883B
-55
°C to 125°C
JAN1525AJ
-55
°C to 125°C
SG1525AJ/DESC
-55
°C to 125°C
SG1525AJ
-55
°C to 125°C
SG2525AJ
-25
°C to 85°C
SG3525AJ
0
°C to 70°C
SG1527AJ/883B
-55
°C to 125°C
JAN1527AJ
-55
°C to 125°C
SG1527AJ/DESC
-55
°C to 125°C
SG1527AJ
-55
°C to 125°C
SG2527AJ
-25
°C to 85°C
SG3527AJ
0
°C to 70°C
Part No.
Package
Connection Diagram
V
REF
+V
IN
OUTPUT B
V
C
GROUND
OUTPUT A
SHUTDOWN
COMPENSATION
SOFT-START
N.I. INPUT
INV. INPUT
R
T
2
3
4
5
6
7
8
1
15
16
14
13
10
9
12
11
C
T
DISCHARGE
SYNC
OSC. OUTPUT
SG2525AN
-25
°C to 85°C
SG3525AN
0
°C to 70°C
SG2527AN
-25
°C to 85°C
SG3527AN
0
°C to 70°C
16-PIN PLASTIC DIP
N - PACKAGE
2
3
4
5
6
7
8
V
REF
+V
IN
SHUTDOWN
COMPENSATION
N.I. INPUT
INV. INPUT
R
T
15
16
14
13
10
9
12
11
1
SOFT-START
OUTPUT B
V
C
GROUND
OUTPUT A
C
T
DISCHARGE
SYNC
OSC. OUTPUT
20-PIN CERAMIC
LEADLESS CHIP CARRIER
L- PACKAGE
4
5
6
7
8
321
9
111213
10
14
15
16
17
18
20 19
11. N.C.
12. COMP.
13. SHUTDOWN
14. OUTPUT A
15. GROUND
16. N.C.
17. V
C
18. OUTPUT B
19. +V
IN
20. V
REF
1. N.C.
2. INV. INPUT
3. N.I. INPUT
4. SYNC
5. OSC. OUTPUT
6. N.C.
7. C
T
8. R
T
9. DISCHARGE
10. SOFT-START
SG1525AL/883B
-55
°C to 125°C
SG1525AL
-55
°C to 125°C
SG1527AL/883B
-55
°C to 125°C
SG1527AL
-55
°C to 125°C
16-PIN WIDE BODY
PLASTIC S.O.I.C.
DW - PACKAGE
SG2525ADW
-25
°C to 85°C
SG3525ADW
0
°C to 70°C
SG2527ADW
-25
°C to 85°C
SG3527ADW
0
°C to 70°C
N Package: RoHS Compliant / Pb-free Transition DC: 0503
N Package: RoHS / Pb-free 100% Matte Tin Lead Finish
DW Package: RoHS Compliant / Pb-free Transition DC: 0516
DW Package: RoHS / Pb-free 100% Matte Tin Lead Finish


Similar Part No. - SG1525AJ/DESC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1525AJ/DESC MICROSEMI-SG1525AJ/DESC Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
More results

Similar Description - SG1525AJ/DESC

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com