Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2503 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG2503
Description  PRECISION 2.5-VOLT REFERENCE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2503 Datasheet(HTML) 3 Page - Microsemi Corporation

  SG2503 Datasheet HTML 1Page - Microsemi Corporation SG2503 Datasheet HTML 2Page - Microsemi Corporation SG2503 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SG1503/SG2503/SG3503
Rev 1.3a 10/04
Microsemi Inc. - Integrated Products
Copyright
© 1996
11861 Western Avenue
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞ FAX: (714) 893-2570
CHARACTERISTIC CURVES
FIGURE 1.
OUTPUT VOLTAGE VS.
TEMPERATURE
FIGURE 2.
RIPPLE REJECTION
Ambient
Temperature Range
Part No.
Package
Connection Diagram
8-PIN CERAMIC DIP
Y - PACKAGE
SG1503Y/883B
-55°C to 125°C
SG1503Y/DESC
-55°C to 125°C
SG1503Y
-55°C to 125°C
SG2503Y
-25°C to 85°C
SG3503Y
0°C to 70°C
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
8
7
6
5
2
1
3
4
V
OUT
V
IN
GND
N.C.
N.C.
N.C.
N.C.
N.C.
8-PIN PLASTIC DIP
M - PACKAGE
SG2503M
-25°C to 85°C
SG3503M
0°C to 70°C
8-PIN PLASTIC SOIC
DM - PACKAGE
SG2503DM
-25°C to 85°C
SG3503DM
0°C to 70°C
N.C.
N.C.
N.C.
N.C.
V
OUT
V
IN
GND
N.C.
2
1
3
4
8
7
6
5
3-PIN TO-39 METAL CAN
T - PACKAGE
SG1503T/883B
-55°C to 125°C
SG1503T/DESC
-55°C to 125°C
SG1503T
-55°C to 125°C
SG2503T
-25°C to 85°C
SG3503T
0°C to 70°C
GND
V
OUT
3
2
1
V
IN
Note 1. Contact factory for JAN and DESC product availablity.
2. All packages are viewed from the top.
Pb-free / RoHS Transition DC: 0440*
Pb-free / RoHS
100% Matte Tin Lead Finish
Pb-free / RoHS Transition DC: 0503*
M Package: Pb-free / RoHS 100% Matte Tin Lead FInish
*RoHS compliant


Similar Part No. - SG2503

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SG250 AMETHERM-SG250 Datasheet
6Mb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
logo
Toshiba Semiconductor
SG2500GXH24 TOSHIBA-SG2500GXH24 Datasheet
211Kb / 4P
   INVERTER APPLICATION
logo
List of Unclassifed Man...
SG2501A ETC1-SG2501A Datasheet
378Kb / 6P
   DUAL VOLTAGE TRACKING REGULATOR
SG2501AJ ETC1-SG2501AJ Datasheet
378Kb / 6P
   DUAL VOLTAGE TRACKING REGULATOR
SG2501AN ETC1-SG2501AN Datasheet
378Kb / 6P
   DUAL VOLTAGE TRACKING REGULATOR
More results

Similar Description - SG2503

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX580 MAXIM-MX580 Datasheet
99Kb / 4P
   High Precision 2.5 Volt Reference
Rev 1; 8/96
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 ZETEX-ZREF25 Datasheet
64Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040-25 ZETEX-ZR4040-25 Datasheet
66Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA250 ZETEX-ZRA250 Datasheet
128Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA250 ZETEX-ZRA250_06 Datasheet
155Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040_2.5 DIODES-ZR4040_2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com