Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG137A Datasheet(PDF) 4 Page - Microsemi Corporation

Part # SG137A
Description  1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG137A Datasheet(HTML) 4 Page - Microsemi Corporation

  SG137A_1 Datasheet HTML 1Page - Microsemi Corporation SG137A_1 Datasheet HTML 2Page - Microsemi Corporation SG137A_1 Datasheet HTML 3Page - Microsemi Corporation SG137A_1 Datasheet HTML 4Page - Microsemi Corporation SG137A_1 Datasheet HTML 5Page - Microsemi Corporation SG137A_1 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SG137A/SG137 SERIES
2/92 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
4
(714) 898-8121
∞ FAX: (714) 893-2570
FIGURE 6.
ADJUSTMENT CURRENT VS. TEMPERATURE
FIGURE 5.
INPUT/OUTPUT DIFFERENTIAL
VS. OUTPUT CURRENT
FIGURE 3.
CURRENT VS. INPUT/OUTPUT DIFFERENTIAL
FIGURE 2.
REFERENCE VOLTAGE VS. TEMPERATURE
FIGURE 1.
INPUT/OUTPUT DIFFERENTIAL
VS. OUTPUT CURRENT
FIGURE 4. *
OUTPUT VOLTAGE DEVIATION
VS. OUTPUT CURRENT
CHARACTERISTIC CURVES
* The SG137A has load regulation compensation which
makes the typical unit read close to zero. This band
represents the typical production spread.
APPLICATION INFORMATION
OUTPUT VOLTAGE
The output voltage is determined by two external resistors, R
1 &
R
2(see Figure 7).
The exact formula for the output voltage is:
V
OUT = VREF
+ I
ADJ (R2)
(
)
Where: V
REF =Reference Voltage, IADJ = Adjustment Pin Current.
In most applications, the second term is small enough to be
ignored, typically about 0.5% of V
OUT.
In more critical applica-
tions, the exact formula should be used, with I
ADJ equal to 65µA.
Solving for R
2 yields:
Smaller values of R
1 and R2 will reduce the influence of IADJ on the
output voltage, but the no-load current drain on the regulator will
be increased. Typical values for R
1 are between 100Ω and 300Ω,
giving 12.5 mA and 4.2mA no-load current respectively. There
is an additional consideration in selecting R
1 the minimum load
current specification of the regulator. The operating current of
R
2 =
V
OUT - VREF
V
REF
R
1
+ I
ADJ
FIGURE 6
R
2 + R1
R
1


Similar Part No. - SG137A_1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A Datasheet
110Kb / 6P
   1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
More results

Similar Description - SG137A_1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A Datasheet
110Kb / 6P
   1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
Sensitron
SHD526060 SENSITRON-SHD526060 Datasheet
44Kb / 2P
   NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
SHD526040 SENSITRON-SHD526040 Datasheet
46Kb / 2P
   NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
   1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
Solid States Devices, I...
SVR137G SSDI-SVR137G Datasheet
189Kb / 3P
   1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
SVR137KM SSDI-SVR137KM Datasheet
183Kb / 2P
   -1.5 Amp -40 Volts NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR137Z SSDI-SVR137Z Datasheet
189Kb / 3P
   1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
SVR137A SSDI-SVR137A Datasheet
158Kb / 3P
   1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com