Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE24 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # P6KE24
Description  600 Watt TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P6KE24 Datasheet(HTML) 1 Page - Microsemi Corporation

  P6KE24 Datasheet HTML 1Page - Microsemi Corporation P6KE24 Datasheet HTML 2Page - Microsemi Corporation P6KE24 Datasheet HTML 3Page - Microsemi Corporation P6KE24 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
600 Watt TRANSIENT VOLTAGE
SUPPRESSOR
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
© 2007
6-20-2007 REV G
S C O T TS DALE DIVISION
P6KE6.8 thru 200CA, e3
DESCRIPTION
APPEARANCE
This P6KE series is an economical 600 W Transient Voltage Suppressor (TVS)
for protecting voltage-sensitive components from destruction or degradation. It
is available in both unidirectional and bi-directional configurations as well as
RoHS Compliant (annealed matte-Tin finish) with an e3 suffix added to the part
number. The response time of their clamping action is virtually instantaneous.
As a result, they may also be used effectively for protection from ESD or EFT
per IEC61000-4-2 and IEC61000-4-4 or for inductive switching environments
and induced RF.
They can also be used for protecting other sensitive
components from secondary lightning effects per IEC61000-4-5 and class
levels defined herein. Microsemi also offers numerous other TVS products to
meet higher and lower power demands and special applications.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
T-18
FEATURES
APPLICATIONS / BENEFITS
Available in both unidirectional and bidirectional
(add C or CA suffix to part number for bidirectional)
• Optional 100% screening for avionics grade is
available by adding MA prefix to part number for added
100% temperature cycle -55
oC to +125oC (10X) as well
as surge (3X) and 24 hours HTRB with post test VZ &
IR (in the operating direction for unidirectional or both
directions for bidirectional)
• Options for screening in accordance with MIL-PRF-
19500 for JAN, JANTX, and JANTXV are available by
adding MQ, MX, or MV prefixes respectively to part
numbers.
• Surface mount equivalents available as SMBJP6KE6.8
to SMBJP6KE200CA or SMBJ5.0 to SMBJ170CA
(consult factory for other surface mount options)
• Moisture classification is Level 1 with no dry pack
required per IPC/JEDEC J-STD-020B
• RoHS Compliant devices available by adding “e3” suffix
Selections for 6.8 to 200 volts breakdown (VBR)
Economical TVS series for thru-hole mounting
Protects sensitive components such as IC’s,
CMOS, Bipolar, BiCMOS, ECL, DTL, T
2L, etc.
Protection from switching transients & induced RF
Compliant to IEC61000-4-2 and IEC61000-4-4 for
ESD and EFT protection respectively
Secondary lightning protection per IEC61000-4-5
with 42 Ohms source impedance:
Class 1: P6KE6.8 to P6KE130A or CA
Class 2: P6KE6.8 to P6KE68A or CA
Class 3: P6KE6.8 to P6KE36A or CA
Class 4: P6KE6.8 to P6KE18A or CA
Secondary lightning protection per IEC61000-4-5
with 12 Ohms source impedance:
Class 1: P6KE6.8 to P6KE43A or CA
Class 2: P6KE6.8 to P6KE22A or CA
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Peak Pulse Power dissipation at 25oC: 600 watts at
10/1000 μs (also see Fig 1,2, and 3).
• Impulse repetition rate (duty factor): 0.01%
• tclamping (0 volts to V(BR) min.): < 100 ps theoretical for
unidirectional and < 5 ns for bidirectional
• Operating and Storage temperature: -65oC to +150oC
• Thermal Resistance: 25 oC/W at 3/8 inch (10 mm) lead
length from body, or 85
°C/W junction to ambient when
mounted on FR4 PC board with 4 mm
2 copper pads (1
oz) and track width 1 mm, length 25 mm
• Steady-State Power: 5 watts @ TL=25oC 3/8 inch (10
mm) from body, or 1.47 W when mounted on FR4 PC
board described for thermal resistance
• Forward Voltage at 25oC: 3.5 Volts maximum @ 100
Amp peak impulse of 8.3 ms half-sine wave
(unidirectional only)
• Solder temperatures: 260oC for 10 s (maximum)
CASE: Void-free transfer molded thermosetting
epoxy body meeting UL94V-0
FINISH: Tin-Lead or RoHS Compliant annealed
matte-Tin plating readily solderable per MIL-STD-
750, method 2026
MARKING: Body marked with part number
POLARITY: Band denotes cathode. Bidirectional
not marked
WEIGHT: 0.7 grams (approximate)
TAPE & REEL option: Standard per EIA-296 (add
“TR” suffix to part number)
See package dimensions on last page


Similar Part No. - P6KE24

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE24 PANJIT-P6KE24 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Zibo Seno Electronic En...
P6KE24 ZSELEC-P6KE24 Datasheet
261Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Pan Jit International I...
P6KE24 PANJIT-P6KE24 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Microsemi Corporation
P6KE24 MICROSEMI-P6KE24 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Leshan Radio Company
P6KE24 LRC-P6KE24 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
More results

Similar Description - P6KE24

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMBJ12A822 FAIRCHILD-SMBJ12A822 Datasheet
67Kb / 2P
   600 Watt Unidirectional Transient Voltage Suppressor
SMBJ12A933 FAIRCHILD-SMBJ12A933 Datasheet
83Kb / 2P
   600 Watt Unidirectional Transient Voltage Suppressor
logo
Microsemi Corporation
SMBJ20AE3 MICROSEMI-SMBJ20AE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ100CAE3 MICROSEMI-SMBJ100CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ13CAE3 MICROSEMI-SMBJ13CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ58AE3 MICROSEMI-SMBJ58AE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG18A MICROSEMI-SMBG18A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ26CAE3 MICROSEMI-SMBJ26CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ51E3 MICROSEMI-SMBJ51E3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG28CA MICROSEMI-SMBG28CA Datasheet
209Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com