Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSG-802-BQL Datasheet(PDF) 2 Page - Okaya Electric America, Inc.

Part # RSG-802-BQL
Description  Rodan Spark Gap
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

RSG-802-BQL Datasheet(HTML) 2 Page - Okaya Electric America, Inc.

  RSG-802-BQL Datasheet HTML 1Page - Okaya Electric America, Inc. RSG-802-BQL Datasheet HTML 2Page - Okaya Electric America, Inc. RSG-802-BQL Datasheet HTML 3Page - Okaya Electric America, Inc. RSG-802-BQL Datasheet HTML 4Page - Okaya Electric America, Inc. RSG-802-BQL Datasheet HTML 5Page - Okaya Electric America, Inc. RSG-802-BQL Datasheet HTML 6Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Spec No.
SS-024
P: 2/5
Data
Oct 30, 2003
Version
First
1. Scope
This specification covers Rodan Spark Gap RSG-802-BQL.
2. Type designation
RSG
- 802 -
B Q L
Type of wire
L: With wire
Length: 11.5mm
Type of taping
A:With taping
B:Without taping (bulk)
DC breakdown voltage (V)
802:80
×102 = 8000 (V)
The 1
St figures shows valid figures
of voltage value, the 3
rd shows multiplier.
Series name
3. Appearance Structure
3-1 Dimension
Refer to drawing
4R-4198-Y89
3-2 Display and contents
Marking must not be disappeared easily, and it has to be identified.
3-3 Materials
Ceramic, Electrode, Lead wire etc
3-4 Plating treatment
Tinning
3-5 Filler gas
Ar, mixed gas This product doesn’t use radioisotope.
OKAYA ELECTRIC AMERICA, INC.
Fig.1 Example of marking
Month
1
2
3
4
5
6
7
8
9
10
11
12
Sign
A
B
D
E
F
G
H
J
K
L
M
N
Brand
Last figure of year
e.g.) year 2003
→ 3
DC breakdown voltage
Manufacture month
802
3L
3L
802


Similar Part No. - RSG-802-BQL

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RSG-801-BJL OKAYA-RSG-801-BJL Datasheet
104Kb / 6P
   Rodan Spark Gap
More results

Similar Description - RSG-802-BQL

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RSG-502-BKL OKAYA-RSG-502-BKL Datasheet
112Kb / 6P
   Rodan Spark Gap
RSG-302-BKL OKAYA-RSG-302-BKL Datasheet
119Kb / 6P
   Rodan Spark Gap
RSG-102-BJL OKAYA-RSG-102-BJL Datasheet
110Kb / 6P
   Rodan Spark Gap
RSG-801-BJL OKAYA-RSG-801-BJL Datasheet
104Kb / 6P
   Rodan Spark Gap
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
B88069X5980T502 EPCOS-B88069X5980T502 Datasheet
95Kb / 5P
   Switching spark gap
logo
Socay Electornics Co., ...
UN2K8-350SMD SOCAY-UN2K8-350SMD Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-350SMD-2 SOCAY-UN2K8-350SMD-2 Datasheet
359Kb / 5P
   Switching Spark Gap
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com