Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XWM8192 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # XWM8192
Description  (88) Bit Output 16-bit CIS/CCD AFE/Digitiser
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

XWM8192 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  XWM8192 Datasheet HTML 1Page - Wolfson Microelectronics plc XWM8192 Datasheet HTML 2Page - Wolfson Microelectronics plc XWM8192 Datasheet HTML 3Page - Wolfson Microelectronics plc XWM8192 Datasheet HTML 4Page - Wolfson Microelectronics plc XWM8192 Datasheet HTML 5Page - Wolfson Microelectronics plc XWM8192 Datasheet HTML 6Page - Wolfson Microelectronics plc XWM8192 Datasheet HTML 7Page - Wolfson Microelectronics plc XWM8192 Datasheet HTML 8Page - Wolfson Microelectronics plc XWM8192 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
WM8192
(8 + 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
Product Preview, June 2000, Rev 1.0
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Product Preview data sheets contain
specifications for products in the formative
phase of development. These products may
be changed or discontinued without notice.
2000 Wolfson Microelectronics Ltd.
DESCRIPTION
The WM8192 is a 16-bit analogue front end/digitiser IC
which processes and digitises the analogue output signals
from CCD sensors or Contact Image Sensors (CIS) at pixel
sample rates of up to 6MSPS.
The device includes three analogue signal processing
channels each of which contains Reset Level Clamping,
Correlated Double Sampling and Programmable Gain and
Offset adjust functions. Three multiplexers allow single
channel processing. The output from each of these
channels is time multiplexed into a single high-speed 16-bit
Analogue to Digital Converter. The digital output data is
available in 8 or 4-bit wide multiplexed format.
An internal 4-bit DAC is supplied for internal reference level
generation. This may be used during CDS to reference CIS
signals or during Reset Level Clamping to clamp CCD
signals. An external reference level may also be supplied.
ADC references are generated internally, ensuring optimum
performance from the device.
Using an analogue supply voltage of 5V and a digital
interface supply of either 5V or 3.3V, the WM8192 typically
only consumes 240mW when operating from a single
5V supply.
FEATURES
16-bit ADC
6MSPS conversion rate
Low power – 240mW typical
5V single supply or 5V/3.3V dual supply operation
Single or 3 channel operation
Correlated double sampling
Programmable gain (8-bit resolution)
Programmable offset adjust (8-bit resolution)
Programmable clamp voltage
8 or 4-bit wide multiplexed data output formats
Internally generated voltage references
28-pin SOIC package
Serial control interface
APPLICATIONS
Flatbed and sheetfeed scanners
USB compatible scanners
Multi-function peripherals
High-performance CCD sensor interface
BLOCK DIAGRAM
RINP (1)
DATA
I/O
PORT
(9) SEN
VSMP
(5)
MCLK
(7)
VRLC/VBIAS
(26)
(11) SDI
(12) SCK
DVDD2
(10)
TIMING CONTROL
CL
(6) RLC/ACYC
RLC
V
S
R
S
BINP (27)
GINP (28)
VRX
(25)
VRT
(24)
(4) OEB
M
U
X
VRB
(23)
RLC
RLC
CDS
CDS
CDS
RLC
DAC
4
CONFIGURABLE
SERIAL
CONTROL
INTERFACE
16-
BIT
ADC
(22)
AGND1
(8)
DGND
AVDD
(21)
DVDD1
(3)
(13) OP[0]
(14) OP[1]
(15) OP[2]
(16) OP[3]
(17) OP[4]
(18) OP[5]
(19) OP[6]
(20) OP[7]/SDO
(2)
AGND2
WM8192
M
U
X
TIMING CONTROL
VREF/BIAS
M
U
X
R
G
B
M
U
X
R
G
B
+
PGA
I/P SIGNAL
POLARITY
ADJUST
8
8
OFFSET
DAC
PGA
8
8
OFFSET
DAC
PGA
8
OFFSET
DAC
8
+
+
+
+
+
I/P SIGNAL
POLARITY
ADJUST
I/P SIGNAL
POLARITY
ADJUST


Similar Part No. - XWM8192

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
XWM8190CDW/V WOLFSON-XWM8190CDW/V Datasheet
438Kb / 25P
   (86) Bit Output 14-bit CIS/CCD AFE/Digitiser
XWM8191CFT WOLFSON-XWM8191CFT Datasheet
355Kb / 27P
   14-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
XWM81955CFT/RV WOLFSON-XWM81955CFT/RV Datasheet
382Kb / 33P
   14-bit 12MSPS CIS/CCD Analogue Front End/Digitiser
XWM8195CFT WOLFSON-XWM8195CFT Datasheet
334Kb / 31P
   14-bit 12MSPS CIS/CCD Analogue Front End/Digitiser
XWM8195SCFT/V WOLFSON-XWM8195SCFT/V Datasheet
382Kb / 33P
   14-bit 12MSPS CIS/CCD Analogue Front End/Digitiser
More results

Similar Description - XWM8192

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8198 WOLFSON-WM8198 Datasheet
379Kb / 31P
   (8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER
WM8196 WOLFSON-WM8196_07 Datasheet
381Kb / 32P
   (8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8196 WOLFSON-WM8196 Datasheet
366Kb / 30P
   (88)BIT OUTPUT 16-BIT CIS/CCD AFE/DIGITISER
logo
Cirrus Logic
WM8196 CIRRUS-WM8196 Datasheet
475Kb / 32P
   (8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
logo
Wolfson Microelectronic...
WM8190 WOLFSON-WM8190 Datasheet
438Kb / 25P
   (86) Bit Output 14-bit CIS/CCD AFE/Digitiser
WM8181 WOLFSON-WM8181 Datasheet
150Kb / 14P
   12-bit 2MSPS Serial Output CIS/CCD Digitiser
WM8259 WOLFSON-WM8259 Datasheet
353Kb / 26P
   Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
logo
Cirrus Logic
WM8253 CIRRUS-WM8253 Datasheet
278Kb / 27P
   Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
logo
Wolfson Microelectronic...
WM8152 WOLFSON-WM8152_07 Datasheet
314Kb / 28P
   Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8152 WOLFSON-WM8152 Datasheet
284Kb / 26P
   Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com