Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XWM8181CDW Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # XWM8181CDW
Description  12-bit 2MSPS Serial Output CIS/CCD Digitiser
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

XWM8181CDW Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button XWM8181CDW Datasheet HTML 6Page - Wolfson Microelectronics plc XWM8181CDW Datasheet HTML 7Page - Wolfson Microelectronics plc XWM8181CDW Datasheet HTML 8Page - Wolfson Microelectronics plc XWM8181CDW Datasheet HTML 9Page - Wolfson Microelectronics plc XWM8181CDW Datasheet HTML 10Page - Wolfson Microelectronics plc XWM8181CDW Datasheet HTML 11Page - Wolfson Microelectronics plc XWM8181CDW Datasheet HTML 12Page - Wolfson Microelectronics plc XWM8181CDW Datasheet HTML 13Page - Wolfson Microelectronics plc XWM8181CDW Datasheet HTML 14Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
WM8181
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 3.0 January 2000
10
SYSTEM
ASIC
CIS
SENSOR
V
OUT
WM8181
VSMP
DOUT
MCLK
VINP
VINM
CLAMP
VREFIN
V R T
V R B
EXACT CIRCUITRY
MAY VARY
DEPENDING ON
SENSOR USED
BLACK
REFERENCE
LEVEL
SET VOLTAGE TO MATCH V
PP FROM
SENSOR OR TIE TO AVDD TO SET
FULL-SCALE INPUT TO 1.5V
Figure 6 d.c. Coupled Positive Video
Some of the newer CIS devices have a reference voltage that corresponds closely to the black level.
In most cases this reference voltage cannot be applied directly to the VINM pin because the black
video output can go below this value and will be outside the range of the ADC. To overcome this,
VINM should be driven from a voltage that is slightly more negative than the CIS reference voltage.
This is shown in Figure 7. The input current to VINM is small but care should be taken to ensure that
R2 and R3 do not load the CIS reference circuit.
SYSTEM
ASIC
CIS
SENSOR
V
OUT
WM8181
VSMP
DOUT
MCLK
VINP
VINM
CLAMP
V
REF
VREFIN
V R T
V R B
EXACT CIRCUITRY
MAY VARY
DEPENDING ON
SENSOR USED
SET VOLTAGE TO MATCH V
PP FROM
SENSOR OR TIE TO AVDD TO SET
FULL-SCALE INPUT TO 1.5V
Figure 7 CIS with Reference Voltage


Similar Part No. - XWM8181CDW

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
XWM8146CDW/V WOLFSON-XWM8146CDW/V Datasheet
195Kb / 17P
   12-bit(84-bit) Linear Sensor Image Processor
XWM8148CFT/V WOLFSON-XWM8148CFT/V Datasheet
491Kb / 43P
   12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
XWM8170CFT/V WOLFSON-XWM8170CFT/V Datasheet
453Kb / 41P
   3.3V Integrated Signal Processor for Area Array CCDs
XWM8190CDW/V WOLFSON-XWM8190CDW/V Datasheet
438Kb / 25P
   (86) Bit Output 14-bit CIS/CCD AFE/Digitiser
XWM8191CFT WOLFSON-XWM8191CFT Datasheet
355Kb / 27P
   14-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
More results

Similar Description - XWM8181CDW

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8141 WOLFSON-WM8141 Datasheet
239Kb / 31P
   12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
WM8198 WOLFSON-WM8198 Datasheet
379Kb / 31P
   (8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER
WM8192 WOLFSON-WM8192 Datasheet
619Kb / 24P
   (88) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8190 WOLFSON-WM8190 Datasheet
438Kb / 25P
   (86) Bit Output 14-bit CIS/CCD AFE/Digitiser
WM8148 WOLFSON-WM8148 Datasheet
491Kb / 43P
   12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
WM8196 WOLFSON-WM8196_07 Datasheet
381Kb / 32P
   (8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8196 WOLFSON-WM8196 Datasheet
366Kb / 30P
   (88)BIT OUTPUT 16-BIT CIS/CCD AFE/DIGITISER
logo
Cirrus Logic
WM8196 CIRRUS-WM8196 Datasheet
475Kb / 32P
   (8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
logo
Wolfson Microelectronic...
WM8191 WOLFSON-WM8191 Datasheet
355Kb / 27P
   14-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
WM8195 WOLFSON-WM8195 Datasheet
334Kb / 31P
   14-bit 12MSPS CIS/CCD Analogue Front End/Digitiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com