Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0275A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0275A
Description  SAW IF Filter 38.912MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0275A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0275A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0275A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0275A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0275A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date:
Product Name: SAW IF Filter 38.912MHz
TST Parts No.: TB0275A ( package 11.3mm x 5.1 mm )
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Andy Lee
Approval by:
Francis Chen
Date:
12/2 /2004
FR-71S03-01


Similar Part No. - TB0275A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0270A TAI-SAW-TB0270A Datasheet
613Kb / 6P
   IF SAW Filter 240 MHz
TB0270A TAI-SAW-TB0270A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TB0270A GOLLEDGE-TB0270A Datasheet
208Kb / 5P
   240.0MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0276A TAI-SAW-TB0276A Datasheet
333Kb / 6P
   SAW Filter 163 MHz SMD 5.0x7.0 mm
logo
Golledge Electronics Lt...
TB0276A GOLLEDGE-TB0276A Datasheet
333Kb / 5P
   SAW Filter 163.0MHz
More results

Similar Description - TB0275A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF38.912M-E OSCILENT-813-IF38.912M-E Datasheet
324Kb / 4P
   38.912MHz IF SAW Filter for DAB Application
813-IF38.912M-F OSCILENT-813-IF38.912M-F Datasheet
128Kb / 4P
   38.912MHz IF SAW Filter for DAB Application
813-SL60.0M-11 OSCILENT-813-SL60.0M-11 Datasheet
291Kb / 3P
   IF SAW Filter
813-SL70.0M-16 OSCILENT-813-SL70.0M-16 Datasheet
232Kb / 3P
   IF SAW Filter
logo
TDK Electronics
B39191B5219H810 TDK-B39191B5219H810 Datasheet
118Kb / 8P
   SAW IF filter
logo
EPCOS
B1708 EPCOS-B1708 Datasheet
104Kb / 10P
   SAW IF filter
logo
Oscilent Corporation
813-SL70.0M-20 OSCILENT-813-SL70.0M-20 Datasheet
302Kb / 2P
   IF SAW Filter
logo
EPCOS
B5105 EPCOS-B5105 Datasheet
103Kb / 8P
   SAW IF filter
B1707 EPCOS-B1707 Datasheet
104Kb / 10P
   SAW IF filter
B1709 EPCOS-B1709 Datasheet
101Kb / 10P
   SAW IF filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com