Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WM5620L Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part No. WM5620L
Description  3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5620L Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM5620L Datasheet HTML 2Page - Wolfson Microelectronics plc WM5620L Datasheet HTML 3Page - Wolfson Microelectronics plc WM5620L Datasheet HTML 4Page - Wolfson Microelectronics plc WM5620L Datasheet HTML 5Page - Wolfson Microelectronics plc WM5620L Datasheet HTML 6Page - Wolfson Microelectronics plc WM5620L Datasheet HTML 7Page - Wolfson Microelectronics plc WM5620L Datasheet HTML 8Page - Wolfson Microelectronics plc WM5620L Datasheet HTML 9Page - Wolfson Microelectronics plc WM5620L Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Wolfson Microelectronics
6
WM5620L, WM5620
Out put Source Current v s
Out put Voltage
0
1
2
3
4
5
6
7
8
0123
45
Vout (V)
V DD = 5 V
TA = 25
OC
V ref= 2 V
Range = x 2
Input code = 255
Typical DNL, INL and TUE * at VDD = 5 V
Typical Performance Characteristics (Continued)
Typical DNL, INL and TUE at VDD = 3 V
Inte gral Nonline arit y
V DD = 5 V , V ref = 2 V , Range = x 2, TA = 25
O C
-0.2
-0.1
0
0.1
0.2
0
32
64
96
128
160
192
224
256
Input Code
To tal Unadjuste d Error
V DD = 5 V , V ref = 2 V , Range = x 2, TA = 25OC
-0.5
-0.25
0
0.25
0.5
0
32
64
96
128
160
192
224
256
Input Code
Dif ferent ial Nonlinearit y
V DD = 3 V , V ref = 1.25 V , Range x 2, TA = 25
OC
-0.2
-0.1
0
0.1
0.2
0
32
64
96
128
160
192
224
256
Input Code
Inte gral Nonline arit y
V DD= 3 V , V ref = 1.25 V , Range x 2, TA = 25
OC
-0.2
-0.1
0
0.1
0.2
0
32
64
96
128
160
192
224
256
Input Code
To tal Unadjuste d Error
V DD = 3 V , V ref = 1.25 V , Range x 2, TA = 25
OC
-0.5
-0.25
0
0.25
0.5
0
32
64
96
128
160
192
224
256
Input Code
Supply C urrent v s
Temperat ure
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
-50
0
50
100
Tempera ture ( O C)
V DD = 5 V
V ref = 2 V
V DD = 3 V
V ref = 1.25 V
Range = x 2
Input code = 255


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn