Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1171A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1171A
Description  SAW Filter 1450 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1171A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1171A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1171A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1171A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1171A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1171A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1171A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
D.OUTLINE DRAWING:
: Year Code (2006->6, …, 2009->9)
: Date Code (W01->A, W02->B,…,W27->a,…,W52->z)
E. PCB Footprint:
B : Input
E : Output
A,C,D,F : Ground
Unit : mm


Similar Part No. - TA1171A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1170A TAI-SAW-TA1170A Datasheet
412Kb / 6P
   SAW Filter 1191.795 MHz
logo
Transko Electronics, In...
TA1170AM TRANSKO-TA1170AM Datasheet
407Kb / 4P
   Wireless, RF SAW Filter
Revision 0: May 2009
logo
TAI-SAW TECHNOLOGY CO.,...
TA1170BA3117 TAI-SAW-TA1170BA3117 Datasheet
416Kb / 7P
   SAW Filter 1191.795 MHz SMD 3.0횞3.0 mm
TA1172A TAI-SAW-TA1172A Datasheet
372Kb / 6P
   SAW Filter 1600 MHz
TA1173A TAI-SAW-TA1173A Datasheet
350Kb / 7P
   SAW Rx Filter 722MHz LTE Band 29 SMD 1411
More results

Similar Description - TA1171A

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3257 KR-3257 Datasheet
69Kb / 3P
   1450 MHz Lowpass Filter
logo
Mini-Circuits
VLF-1450 MINI-VLF-1450 Datasheet
89Kb / 1P
   Low Pass Filter DC to 1450 MHz
logo
KR Electronics, Inc.
3078-1450 KR-3078-1450 Datasheet
75Kb / 3P
   1450 MHz Center Frequency
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com