Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2601CMTR Datasheet(PDF) 6 Page - Microsemi Corporation

Part # NX2601CMTR
Description  DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2601CMTR Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button NX2601CMTR Datasheet HTML 2Page - Microsemi Corporation NX2601CMTR Datasheet HTML 3Page - Microsemi Corporation NX2601CMTR Datasheet HTML 4Page - Microsemi Corporation NX2601CMTR Datasheet HTML 5Page - Microsemi Corporation NX2601CMTR Datasheet HTML 6Page - Microsemi Corporation NX2601CMTR Datasheet HTML 7Page - Microsemi Corporation NX2601CMTR Datasheet HTML 8Page - Microsemi Corporation NX2601CMTR Datasheet HTML 9Page - Microsemi Corporation NX2601CMTR Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
NX2601
6
Rev. 2.3
12/01/06
PIN DESCRIPTIONS
PIN #
PIN SYMBOL
PIN DESCRIPTION
This pin is connected to the drain of the external low side MOSFET and is the
input of the over current protection(OCP) comparator. An internal current source
which equals 1.25V divided by Rt resistor is flown to the external resistor which
sets the OCP voltage across the Rdson of the low side MOSFET. Current limit
point is this voltage divided by the Rds-on. Once this threshold is reached the
Hdrv and Ldrv pins are switched low and an internal hiccup circuit is set that
recycles the soft start circuit after 2048 switching cycles.
Thesepi
nsareconnectedtosourceofhi
ghsi
deFETsandprovi
dereturnpathfor
thehi
ghsi
dedrivers.Theyareal
sousedtohol
dthel
ow si
dedriversl
ow untilt
his
pi
ni
sbroughtl
ow bytheacti
onofhi
ghsi
deturni
ngoff.LDRVscanonl
ygohi
ghif
SW i
sbel
ow 1V threshol
d .
Hi
ghsi
degatedriveroutputs.
Thi
spi
nsuppli
esvolt
agetohi
ghsi
deFET driver.Ahi
ghfreq1uFceram i
ccapaci-
torispl
acedascl
oseaspossi
bl
e toandconnected tothesepi
nsandrespected
SW pi
ns.
Suppl
yvolt
ageforthel
ow si
defetdrivers.Ahi
ghfrequency1uFceram i
ccapm ust
beconnectedfrom thi
spi
ntothePGND1andPGND2pi
nascl
oseaspossi
bl
eto
the pi
ns.
Low si
degatedriveroutputs.
Powergroundpi
nforlow si
dedrivers.
Thi
spi
ni
sthefirsterroram pli
fiernon-inverti
ngi
nput.Thi
spi
nshoul
dbecon-
nectedeit
hertoanexternalreferencevolt
age(tracki
ngappli
cati
on)ortothe
i
nternalreferencevolt
ageprovi
dedbythi
sdevi
ce.
Referencevolt
ageavail
abl
e.A100pFcapacit
orcanbeconnectedfrom thi
spi
nto
GND.Thi
spi
ni
shel
dl
ow untili
nternalVccUVLO andtheENSW 1pi
naregood,
all
owi
ng itto softstart.
14
27
15
26
16
25
17
24
18
23
19
22
20
21
30
31
32
OCP2
OCP1
SW2
SW1
HDRV2
HDRV1
BST2
BST1
PVCC2
PVCC1
LDRV2
LDRV1
PGND2
PGND1
VP
VREF
NC


Similar Part No. - NX2601CMTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX26F011A ETC1-NX26F011A Datasheet
243Kb / 14P
   1M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 2-PIN NXS INTERFACE
NX26F011A-3V-R ETC1-NX26F011A-3V-R Datasheet
243Kb / 14P
   1M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 2-PIN NXS INTERFACE
NX26F011A-5V-R ETC1-NX26F011A-5V-R Datasheet
243Kb / 14P
   1M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 2-PIN NXS INTERFACE
NX26F041A ETC1-NX26F041A Datasheet
243Kb / 14P
   1M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 2-PIN NXS INTERFACE
NX26F041A-3V-R ETC1-NX26F041A-3V-R Datasheet
243Kb / 14P
   1M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 2-PIN NXS INTERFACE
More results

Similar Description - NX2601CMTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2710 MICROSEMI-NX2710 Datasheet
747Kb / 23P
   SINGLE CHANNEL PWM CONTROLLER WITH NMOS LDO CONTROLLER AND 5V BIAS REGULATOR
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
NX2309 MICROSEMI-NX2309 Datasheet
444Kb / 16P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
Texas Instruments
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
NX2305 MICROSEMI-NX2305 Datasheet
579Kb / 19P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER, POWER GOOD & ENABLES
logo
International Rectifier
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048 Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com