Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2423 Datasheet(PDF) 11 Page - Microsemi Corporation

Part # NX2423
Description  TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2423 Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button NX2423 Datasheet HTML 7Page - Microsemi Corporation NX2423 Datasheet HTML 8Page - Microsemi Corporation NX2423 Datasheet HTML 9Page - Microsemi Corporation NX2423 Datasheet HTML 10Page - Microsemi Corporation NX2423 Datasheet HTML 11Page - Microsemi Corporation NX2423 Datasheet HTML 12Page - Microsemi Corporation NX2423 Datasheet HTML 13Page - Microsemi Corporation NX2423 Datasheet HTML 14Page - Microsemi Corporation NX2423 Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
NX2423
11
Rev. 2.1
12/01/08
two 1.5uH inductors.
1.Calculate the location of LC double pole F
LC
and ESR zero F
ESR.
LC
EFF
OUT
1
F
2
LC
1
2
0.75uH 10800uF
1.768kHz
=
×π××
=
×π××
=
ESR
OUT
1
F
2
ESRC
1
2
13m
1800uF
6.801kHz
=
×π ××
=
×π ×
Ω×
=
2.Set R
2 equal to10kΩ and calculate R1.
2
REF
1
OUT
REF
RV
10k
0.6V
R =
10k
V
-V
1.2V-0.6V
×
Ω×
=
=Ω
3. Set crossover frequency FO=15kHz.
4.Calculate R
3 value by the following equation.
OS C
O
EFF
32
in
V
2
FL
R =R
V
ESR
1 V
2
15kH z
0 .75uH
=
10k
12 V
2 .16m
=27 .3k
×π ××
××
×π ××
×
×Ω
Choose R
3 =27.4kΩ.
5. Calculate C
1 by setting compensator zero FZ
at 75% of the LC double pole.
1
3z
1
C =
2
RF
1
=
2
27.4k
0.75 1.768kHz
=4.4nF
×π××
×π×
Ω××
Choose C
1=4.7nF.
6. Calculate C
2 by setting compensator pole
p
F
at half the swithing frequency.
2
3s
1
C =
RF
1
=
27 .4 k
400k Hz
=30pF
π ××
π ×
Ω×
Choose C
2=33pF.
B. Type III compensator design
For low ESR output capacitors, typically such as
Sanyo OSCON and POSCAP, the frequency of ESR zero
caused by output capacitors is higher than the cross-
over frequency. In this case, it is necessary to compen-
sate the system with type III compensator.
In design example, six electrolytic capacitors are
used as output capacitors. The system is compensated
with type III compensator. The following figures and equa-
tions show how to realize the this type III compensator
with electrolytic capacitors.
=
×π ××
=
×π ×+×
=
×π ××
=
×
×π ××
+
Z1
42
Z2
2
33
P1
33
P2
12
4
12
1
F
...(14)
2
RC
1
F
...(15)
2
(R
R )C
1
F
...(16)
2
RC
1
F
...(17)
CC
2R
CC
where FZ1,FZ2,FP1 and FP2 are poles and zeros in
the compensator.
Zin
Zf
Vout
Vref
Fb
R2
R1
R3
R4
C3
C1
C2
Ve
Figure 5 - Type III compensator


Similar Part No. - NX2423

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2422 MICROSEMI-NX2422 Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
NX2422CMTR MICROSEMI-NX2422CMTR Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
More results

Similar Description - NX2423

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2422 MICROSEMI-NX2422 Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
NX2415 MICROSEMI-NX2415 Datasheet
654Kb / 21P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER AND DIFFERENTIAL CURRENT SENSE
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
Renesas Technology Corp
ISL6310 RENESAS-ISL6310 Datasheet
1Mb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
logo
Intersil Corporation
ISL6310 INTERSIL-ISL6310 Datasheet
593Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL6310 INTERSIL-ISL6310_06 Datasheet
639Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL8102 INTERSIL-ISL8102 Datasheet
711Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL8102 RENESAS-ISL8102 Datasheet
1Mb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com