Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2422 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # NX2422
Description  TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2422 Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button NX2422 Datasheet HTML 3Page - Microsemi Corporation NX2422 Datasheet HTML 4Page - Microsemi Corporation NX2422 Datasheet HTML 5Page - Microsemi Corporation NX2422 Datasheet HTML 6Page - Microsemi Corporation NX2422 Datasheet HTML 7Page - Microsemi Corporation NX2422 Datasheet HTML 8Page - Microsemi Corporation NX2422 Datasheet HTML 9Page - Microsemi Corporation NX2422 Datasheet HTML 10Page - Microsemi Corporation NX2422 Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
NX2422
7
Rev.2.1
12/01/08
BLOCK DIAGRAM
Figure 2 - Block diagram of NX2422
OFF
ON
CScomp(SS/EN)
PWM control
logic
and driver
V1.25
V1.25
Slave channel control
FB
VCOMP
EN2_B
0.82/0.74
Bias
generator
5VCC
1.25V
1.6V
0.6V
UVLO
UVLO
ramp1
S
R
Q
Set1
FET
driver
ramp2
set2
start
Hiccup
Digital
start
Dis_EA
SS_finish
Rt
6 Cycles
filter
Hiccup
Logic
Hiccup
BST1
DrvH1
PVCC
DrvL1
PGND
CS+1
CS-1
CS+2
CS-2
Vp*75%
SS_finished
AGND
Two phase
OSC
÷
2
Σ
Σ
V1.25
gm=0.04mA/V
KR
KR
KR
KR
R
R
R
R
CS01
CS02
BST2
DrvH2
DrvL2
SW1
SW2
IOUT/IMAX
Vp*130%
OVP
OVP
K=30
1.25V
FB
VOUT
+1.2V/50A
+5V
+12V
VOUT
+5V
0.35
/0.3V
FB
Vp*70%
SS_FINISHED
DAC
REFIN
Vp
3.6
/3.3V
0.6V
1.25V
FILTER
FILTER
+5V
+12V
VCCDRV
1.25V
INREFOUT/POK
ENBUS_2
ENBUS_2
ON
OFF


Similar Part No. - NX2422

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2423 MICROSEMI-NX2423 Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
NX2423CMTR MICROSEMI-NX2423CMTR Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
More results

Similar Description - NX2422

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2423 MICROSEMI-NX2423 Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
NX2415 MICROSEMI-NX2415 Datasheet
654Kb / 21P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER AND DIFFERENTIAL CURRENT SENSE
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
Renesas Technology Corp
ISL6310 RENESAS-ISL6310 Datasheet
1Mb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
logo
Intersil Corporation
ISL6310 INTERSIL-ISL6310 Datasheet
593Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL6310 INTERSIL-ISL6310_06 Datasheet
639Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL8102 INTERSIL-ISL8102 Datasheet
711Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL8102 RENESAS-ISL8102 Datasheet
1Mb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com