Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1132A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1132A
Description  SAW Filter 881.5MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1132A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1132A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1132A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1132A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1132A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1132A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1132A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1132A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 881.5MHz
MODEL NO.:TA1132A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -25°C to +80°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance (single-ended) :
Zs = 50 Ω
Terminating load impedance (single-ended) :
ZL = 50 Ω
Item
Unit
Min.
Type.
Max. Note
Center Frequency
Fc MHz
-
881.5
-
-
Insertion Loss (869~894 MHz)
IL
dB
-
2.6
3.2
-
Amplitude ripple (869~894 MHz)
dB
-
0.7
1.4
-
VSWR (869~894 MHz)
-
1.7
2.3
-
Attenuation
100~600
MHz
dB
45
52
-
-
600~824
MHz
dB
33
38
824~849
MHz
dB
32
35
-
-
914~924
MHz
dB
18
23
-
-
924~950
MHz
dB
32
36
-
-
950~1000
MHz
dB
35
44
-
-
1000~2200 MHz
dB
25
28
-
-
2200~3000 MHz
dB
20
24
-
-


Similar Part No. - TA1132A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1130A TAI-SAW-TA1130A Datasheet
425Kb / 8P
   SAW Filter 763 MHz
logo
Golledge Electronics Lt...
TA1130A GOLLEDGE-TA1130A Datasheet
131Kb / 7P
   SAW Filter 763MHz
logo
Transko Electronics, In...
TA1130AM TRANSKO-TA1130AM Datasheet
407Kb / 4P
   Wireless, RF SAW Filter
Revision 0: May 2009
logo
TAI-SAW TECHNOLOGY CO.,...
TA1130B TAI-SAW-TA1130B Datasheet
357Kb / 7P
   SAW Filter 763 MHz
TA1131A TAI-SAW-TA1131A Datasheet
430Kb / 8P
   SAW Filter 793 MHz
More results

Similar Description - TA1132A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0233A TAI-SAW-TA0233A Datasheet
749Kb / 6P
   SAW Filter 881.5MHz
logo
Golledge Electronics Lt...
MP03083 GOLLEDGE-MP03083 Datasheet
76Kb / 6P
   SAW Filter 881.5MHz
MA05677 GOLLEDGE-MA05677 Datasheet
201Kb / 5P
   SAW Filter 881.5MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0571A TAI-SAW-TA0571A Datasheet
423Kb / 7P
   SAW Filter 881.5MHz
logo
Abracon Corporation
AFS881.5W01-TS4 ABRACON-AFS881.5W01-TS4 Datasheet
181Kb / 1P
   SMD 881.5MHz SAW FILTER
logo
SIPAT Co,Ltd
LBT88203 SIPAT-LBT88203 Datasheet
195Kb / 3P
   881.5MHz SAW Filter 25MHz Bandwidth
LBT88204 SIPAT-LBT88204 Datasheet
358Kb / 3P
   881.5MHz SAW Filter 25MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0626A TAI-SAW-TA0626A Datasheet
315Kb / 7P
   SAW Filter 881.5MHz SMD 3.0횞3.0mm
logo
SIPAT Co,Ltd
LBT88203 SIPAT-LBT88203 Datasheet
195Kb / 3P
   881.5MHz SAW Filter 25MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0166A TAI-SAW-TA0166A Datasheet
194Kb / 7P
   SAW Filter 881.5MHz For Mobile Communication
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com