Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU27TA2WNVX-TR Datasheet(PDF) 10 Page - Rohm

Part # BU27TA2WNVX-TR
Description  High-speed Load Response FULL CMOS LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU27TA2WNVX-TR Datasheet(HTML) 10 Page - Rohm

Back Button BU27TA2WNVX-TR Datasheet HTML 6Page - Rohm BU27TA2WNVX-TR Datasheet HTML 7Page - Rohm BU27TA2WNVX-TR Datasheet HTML 8Page - Rohm BU27TA2WNVX-TR Datasheet HTML 9Page - Rohm BU27TA2WNVX-TR Datasheet HTML 10Page - Rohm BU27TA2WNVX-TR Datasheet HTML 11Page - Rohm BU27TA2WNVX-TR Datasheet HTML 12Page - Rohm BU27TA2WNVX-TR Datasheet HTML 13Page - Rohm BU27TA2WNVX-TR Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Technical Note
10/27
BU
TA2WNVX Series, BUTA2WHFV Series
www.rohm.com
2009.05 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
●Reference data
BU18TA2WNVX / HFV (Unless otherwise specified, Ta=25℃)
Fig. 55 Load Response
Current Pulse=100kHz
Fig. 56 Load Response
Current Pulse=100kHz
Fig. 57 Start Up Time
Iout = 0mA
Fig. 58 Start Up Time
Iout = 200mA
Fig. 59 Start Up Time (STBY=VIN)
Iout = 0mA
Fig. 61 Discharge Time
Iout = 0mA
Fig. 62 VIN Response
Iout = 10mA
Fig. 60 Start Up Time(STBY=VIN)
Iout = 200mA


Similar Part No. - BU27TA2WNVX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU27TA2WNVX ROHM-BU27TA2WNVX Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
More results

Similar Description - BU27TA2WNVX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU665XNUX ROHM-BU665XNUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
logo
Rohm
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com