Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2305CSTR Datasheet(PDF) 11 Page - Microsemi Corporation

Part # NX2305CSTR
Description  SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER, POWER GOOD & ENABLES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2305CSTR Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button NX2305CSTR Datasheet HTML 7Page - Microsemi Corporation NX2305CSTR Datasheet HTML 8Page - Microsemi Corporation NX2305CSTR Datasheet HTML 9Page - Microsemi Corporation NX2305CSTR Datasheet HTML 10Page - Microsemi Corporation NX2305CSTR Datasheet HTML 11Page - Microsemi Corporation NX2305CSTR Datasheet HTML 12Page - Microsemi Corporation NX2305CSTR Datasheet HTML 13Page - Microsemi Corporation NX2305CSTR Datasheet HTML 14Page - Microsemi Corporation NX2305CSTR Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
NX2305
11
Rev.5.0
08/19/08
Case 1:
F
LC<FO<FESR
40dB/decade
20dB/decade
loop gain
LC
F
ESR
F
compensator
power stage
FZ1 Z2
F
O
F
FP2
P1
F
Figure 4 - Bode plot of Type III compensator
(F
LC<FO<FESR)
Typical design example of type III compensator in
which the crossover frequency is selected as
F
LC<FO<FESR and FO<=1/10~1/5Fs is shown as the
following steps.
1. Calculate the location of LC double pole F
LC
and ESR zero F
ESR.
LC
OUT
OUT
1
F
2
LC
1
2
2.2uH 940uF
3.5kHz
=
×π ××
=
×π ××
=
ESR
OUT
1
F
2
ESRC
1
2
4.5m
940uF
37.6kHz
=
×π ××
=
×π ×
Ω×
=
2. Set R
2 equal to 10kΩ.
OSCO
4
out
in3
V2
FL
R =C
VC
1.1V
2
25kHz 2.2uH
=
940uF
12V
3.9nF
=10.4k
×π ××
××
×π ××
××
Choose C
3=3.9nF, R4=10.2k.
5. Calculate C
2 with zero Fz1 at 75% of the LC
double pole by equation (11).
2
Z14
1
C
2
FR
1
2
0.75 3.5kHz 10.2k
5.95nF
=
×π ××
=
×π ×
×
×Ω
=
Choose C
2=5.6nF.
6. Calculate C
1 by equation (14) with pole Fp2 at
half the switching frequency.
1
4
P2
1
C
2
RF
1
2
10.2k
150kHz
104pF
=
×π ××
=
×π ×
Ω×
=
Choose C
1=100pF.
7. Calculate R
3 by equation (13).
3
P13
1
R
2
FC
1
2
37.6kHz 3.9nF
1.1k
=
×π××
=
×π××
=Ω
Choose R
3 =1.1kΩ.
×
Ω×
=
=Ω
2
REF
1
OUT
REF
RV
10k
0.8V
R =
8k
V
-V
1.8V-0.8V
Choose R
1=8kΩ.
3. Set zero F
Z2 = FLC and Fp1 =FESR .
4. Calculate R
4 and C3 with the crossover
frequency at 1/10~ 1/5 of the switching frequency. Set
F
O=25kHz.
3
2
z2
p1
1
11
C =
(-)
2
R
FF
1
11
=
(
-)
2
10k
3.5kHz 37.6kHz
=4.1nF
×
×π×
×
×π ×Ω


Similar Part No. - NX2305CSTR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX2301P PHILIPS-NX2301P Datasheet
370Kb / 16P
   20 V, 2 A P-channel Trench MOSFET
Rev. 1-26 October 2010
logo
ZP Semiconductor
NX2301P ZPSEMI-NX2301P Datasheet
318Kb / 3P
   20 V, 2 A P-channel Trench MOSFET
logo
Nexperia B.V. All right...
NX2301P NEXPERIA-NX2301P Datasheet
916Kb / 16P
   20 V, 2 A P-channel Trench MOSFET
Rev. 1 - 26 October 2010
logo
VBsemi Electronics Co.,...
NX2301P VBSEMI-NX2301P Datasheet
476Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Microsemi Corporation
NX2307 MICROSEMI-NX2307 Datasheet
791Kb / 22P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER
More results

Similar Description - NX2305CSTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2309 MICROSEMI-NX2309 Datasheet
444Kb / 16P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
NX2307 MICROSEMI-NX2307 Datasheet
791Kb / 22P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
Texas Instruments
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
LX2750 MICROSEMI-LX2750 Datasheet
394Kb / 11P
   SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
logo
Texas Instruments
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
NX2155H MICROSEMI-NX2155H Datasheet
770Kb / 17P
   SINGLE POWER SUPPLY SYNCHRONOUS PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com