Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2305CSTR Datasheet(PDF) 3 Page - Microsemi Corporation

Part # NX2305CSTR
Description  SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER, POWER GOOD & ENABLES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2305CSTR Datasheet(HTML) 3 Page - Microsemi Corporation

  NX2305CSTR Datasheet HTML 1Page - Microsemi Corporation NX2305CSTR Datasheet HTML 2Page - Microsemi Corporation NX2305CSTR Datasheet HTML 3Page - Microsemi Corporation NX2305CSTR Datasheet HTML 4Page - Microsemi Corporation NX2305CSTR Datasheet HTML 5Page - Microsemi Corporation NX2305CSTR Datasheet HTML 6Page - Microsemi Corporation NX2305CSTR Datasheet HTML 7Page - Microsemi Corporation NX2305CSTR Datasheet HTML 8Page - Microsemi Corporation NX2305CSTR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NX2305
3
Rev.5.0
08/19/08
N
PARAMETER
SYM
Test Condition
Min
TYP
MAX
Units
VBST Supply Current
(Dynamic)
VBST
(dynamic)
CL=3300PF
9.2
mA
Under Voltage Lockout
V
CC-Threshold
V
CC_UVLO
V
CC Rising (NOTE1)
6.8
V
VCC hysterises
VCC Falling (NOTE1)
300
mV
Oscillator (Rt)
Frequency
F
S
300
KHz
Ramp-Amplitude Voltage
VRAMP
1.1
V
Max Duty Cycle
94
%
Min duty Cycle
0
%
Error Amplifiers
Open Loop Gain
50
65
dB
Transconductance
gm
2000
umho
Comp SD threshold
0.2
V
Input Bias Current
Ib
100
nA
EN & SS
Soft Start time
Tss
6.8
mS
Enable HI Threshold
V
ENTHH
1.24
V
Enable Hysterises
VENTHL
30
mV
High Side Driver, Hdrv, BST,
SW (C
L=3300pF)
Rise Time
THdrv(Rise)
10% to 90%
30
ns
Fall Time
THdrv(Fall)
90% to 10%
20
ns
Low Side Driver , Ldrv,
PVcc, Pgnd(C
L=3300pF)
Output Impedance, Sourcing
Current
Rsource(Ldrv)
I=200mA
2.2
ohm
Output Impedance, Sinking
Current
Rsink(Ldrv)
I=200mA
1
ohm
Rise Time
TLdrv(Rise)
10% to 90%
30
ns
Fall Time
TLdrv(Fall)
90% to 10%
20
ns
LDO Controller
FB Pin- Bias Current
1
uA
High Output Voltage
11.1
V
Low Output Voltage
0.2
V
High Output Source Current
1.9
mA
Output Impedance , Sourcing
Current
Rsource(Hdrv)
I=200mA
Tdead(L to
H)
Deadband Time
Ldrv going Low to Hdrv going
High, 10% to 10%
Deadband Time
Tdead(H to
L)
SW going Low to Ldrv going
High, 10% to 10%
50
ns
50
ns
ohm
3.6
1
ohm
Output Impedance , Sinking
Current
Rsink(Hdrv)
I=200mA


Similar Part No. - NX2305CSTR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX2301P PHILIPS-NX2301P Datasheet
370Kb / 16P
   20 V, 2 A P-channel Trench MOSFET
Rev. 1-26 October 2010
logo
ZP Semiconductor
NX2301P ZPSEMI-NX2301P Datasheet
318Kb / 3P
   20 V, 2 A P-channel Trench MOSFET
logo
Nexperia B.V. All right...
NX2301P NEXPERIA-NX2301P Datasheet
916Kb / 16P
   20 V, 2 A P-channel Trench MOSFET
Rev. 1 - 26 October 2010
logo
VBsemi Electronics Co.,...
NX2301P VBSEMI-NX2301P Datasheet
476Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Microsemi Corporation
NX2307 MICROSEMI-NX2307 Datasheet
791Kb / 22P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER
More results

Similar Description - NX2305CSTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2309 MICROSEMI-NX2309 Datasheet
444Kb / 16P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
NX2307 MICROSEMI-NX2307 Datasheet
791Kb / 22P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
Texas Instruments
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
LX2750 MICROSEMI-LX2750 Datasheet
394Kb / 11P
   SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
logo
Texas Instruments
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
NX2155H MICROSEMI-NX2155H Datasheet
770Kb / 17P
   SINGLE POWER SUPPLY SYNCHRONOUS PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com