Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPD5192B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD5192B
Description  3 Amps 150-200 nsec 100-1000 V Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5192B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD5192B Datasheet HTML 1Page - Solid States Devices, Inc SPD5192B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD5186 Thru SPD5192
and
SPD5186SMS Thru SPD5192SMS
Electrical Characteristics
Symbol
Value
Units
Instantaneous Forward Voltage Drop
(
IF =3Adc, TA = 25 ºC, 300μs Pulse)
VF
1.3
VDC
Instantaneous Forward Voltage Drop
(
IF =3Adc, TA = -55 ºC, 300μs Pulse)
VF
1.45
VDC
Reverse Leakage Current
(Rated VR, TA = 25 ºC , 300μs minimum pulse)
IR
5
μA
Reverse Leakage Current
(Rated VR, TA = 100 ºC , 300μs minimum pulse)
IR
200
μA
Reverse Recovery Time
(I
F = 500 mA, IR = 1 Amp, IRR = 250 mA, TA = 25
ºC)
SPD5186…SMS-SPD5188…SMS
SPD5190…SMS-SPD5192…SMS
tRR
150
200
nsec
Junction Capacitance
(VR = 10VDC, TA = 25ºC, f = 1MHz)
CJ
40
pF
CASE OUTLINE: Axial
CASE OUTLINE: Surface Mount Square Tab
Dimensions
DIM
MIN
MAX
A
.172”
.180”
B
.180”
.280”
C
.022”
.028”
D
.002”
---
Dimensions
DIM
MIN
MAX
A
---
.200”
B
---
.230”
C
.047”
.053”
C (B Variant)
.038”
.042”
D
1.00”
---
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RF0009D
DOC


Similar Part No. - SPD5192B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD51 SSDI-SPD51 Datasheet
99Kb / 2P
   HYPER FAST RECTIFIER
logo
Renesas Technology Corp
SPD5108 RENESAS-SPD5108 Datasheet
2Mb / 103P
   Serial Presence Detect (SPD) EEPROMs
Rev.1.11 Sep 15, 2021
SPD5108-Y1B000NCG RENESAS-SPD5108-Y1B000NCG Datasheet
2Mb / 103P
   Serial Presence Detect (SPD) EEPROMs
Rev.1.11 Sep 15, 2021
SPD5108-Y1B000NCG8 RENESAS-SPD5108-Y1B000NCG8 Datasheet
2Mb / 103P
   Serial Presence Detect (SPD) EEPROMs
Rev.1.11 Sep 15, 2021
SPD5118 RENESAS-SPD5118 Datasheet
2Mb / 103P
   Serial Presence Detect (SPD) EEPROMs
Rev.1.11 Sep 15, 2021
More results

Similar Description - SPD5192B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD4942SM SSDI-SPD4942SM Datasheet
97Kb / 2P
   1 AMPS 200-1000 VOLTS 150-200 nsec FAST RECOVERY RECTIFIER
SPD5415 SSDI-SPD5415 Datasheet
158Kb / 2P
   3 AMPS 50 - 600 VOLTS 150 - 400 nsec FAST RECOVERY RECTIFIER
SDR1004F SSDI-SDR1004F Datasheet
201Kb / 2P
   100 AMPS, 400-1000 VOLTS 270 nsec FAST RECTIFIER
SPD6626 SSDI-SPD6626 Datasheet
145Kb / 2P
   2.8 - 4 AMPS 200 - 1000 VOLTS 30 - 60 nsec HYPER FAST RECOVERY RECTIFIER
SDR680 SSDI-SDR680 Datasheet
213Kb / 2P
   80 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
1N6686 SSDI-1N6686 Datasheet
197Kb / 2P
   20 AMPS 100 - 200 VOLTS 40 nsec HYPER FAST RECTIFIER
SDR950E SSDI-SDR950E Datasheet
199Kb / 2P
   60 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SDA312AF SSDI-SDA312AF Datasheet
127Kb / 2P
   10 AMPS 180 - 200 nsec FAST RECOVERY 3 PHASE BRIDGE ASSY
SPD6620 SSDI-SPD6620 Datasheet
148Kb / 2P
   1.5 - 2 AMPS 200 침 1000 VOLTS 30 짰 60 nsec ULTRA FAST RECOVERY RECTIFIER
SDR3PF SSDI-SDR3PF Datasheet
199Kb / 2P
   3 AMPS, 1300-1800 VOLTS 650 nsec FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com