Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2147 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # NX2147
Description  SINGLE CHANNEL MOBILE PWM CONTROLLER WITH DYNAMIC VOLTAGE ADJUSTMENT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2147 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button NX2147 Datasheet HTML 3Page - Microsemi Corporation NX2147 Datasheet HTML 4Page - Microsemi Corporation NX2147 Datasheet HTML 5Page - Microsemi Corporation NX2147 Datasheet HTML 6Page - Microsemi Corporation NX2147 Datasheet HTML 7Page - Microsemi Corporation NX2147 Datasheet HTML 8Page - Microsemi Corporation NX2147 Datasheet HTML 9Page - Microsemi Corporation NX2147 Datasheet HTML 10Page - Microsemi Corporation NX2147 Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NX2147
10
Rev. 1.6
03/09/09
Rev. 1.8
12/28/09
MLPQ 16 PIN 3 x 3 PACKAGE OUTLINE DIMENSIONS
SYMBOL
NAME
MIN
MAX
MIN
MAX
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
B
0.180
0.300
0.007
0.012
D
2.950
3.050
0.116
0.120
D2
1.600
1.750
0.063
0.069
E
2.950
3.050
0.116
0.120
E2
1.600
1.750
0.063
0.069
e
L
0.325
0.450
0.013
0.018
M
0.203REF
0.50BSC
1.5REF
Dimensions In Inches
0.008REF
0.50BSC
0.059REF
Dimensions In Millimeters


Similar Part No. - NX2147

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2141 MICROSEMI-NX2141 Datasheet
915Kb / 21P
   SINGLE CHANNEL MOBILE PWM CONTROLLER WITH FEEDFORWARD AND ENABLE
NX2141CMTR MICROSEMI-NX2141CMTR Datasheet
915Kb / 21P
   SINGLE CHANNEL MOBILE PWM CONTROLLER WITH FEEDFORWARD AND ENABLE
NX2141CUTR MICROSEMI-NX2141CUTR Datasheet
915Kb / 21P
   SINGLE CHANNEL MOBILE PWM CONTROLLER WITH FEEDFORWARD AND ENABLE
NX2142 MICROSEMI-NX2142 Datasheet
525Kb / 18P
   SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
NX2142A MICROSEMI-NX2142A Datasheet
525Kb / 18P
   SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
More results

Similar Description - NX2147

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2138 MICROSEMI-NX2138 Datasheet
605Kb / 16P
   SINGLE CHANNEL MOBILE PWM CONTROLLER
NX2141 MICROSEMI-NX2141 Datasheet
915Kb / 21P
   SINGLE CHANNEL MOBILE PWM CONTROLLER WITH FEEDFORWARD AND ENABLE
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
   SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
logo
Renesas Technology Corp
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Microsemi Corporation
NX2715 MICROSEMI-NX2715 Datasheet
715Kb / 21P
   SINGLE CHANNEL MOBILE PWM CONTROLLER WITH NMOS LDO CONTROLLER, PGOOD INDICATOR AND ENABLE
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224_06 Datasheet
248Kb / 13P
   Single Output Mobile-Friendly PWM Controller
ISL6224 INTERSIL-ISL6224 Datasheet
378Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Maxim Integrated Produc...
MAX8792 MAXIM-MAX8792 Datasheet
454Kb / 29P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 1/07
MAX17024 MAXIM-MAX17024 Datasheet
422Kb / 25P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 10/07
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com