Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2117ACUTR Datasheet(PDF) 5 Page - Microsemi Corporation

Part # NX2117ACUTR
Description  SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2117ACUTR Datasheet(HTML) 5 Page - Microsemi Corporation

  NX2117ACUTR Datasheet HTML 1Page - Microsemi Corporation NX2117ACUTR Datasheet HTML 2Page - Microsemi Corporation NX2117ACUTR Datasheet HTML 3Page - Microsemi Corporation NX2117ACUTR Datasheet HTML 4Page - Microsemi Corporation NX2117ACUTR Datasheet HTML 5Page - Microsemi Corporation NX2117ACUTR Datasheet HTML 6Page - Microsemi Corporation NX2117ACUTR Datasheet HTML 7Page - Microsemi Corporation NX2117ACUTR Datasheet HTML 8Page - Microsemi Corporation NX2117ACUTR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NX2116/2116A/2116B/2117/2117A
5
Rev. 3.0
03/14/06
BLOCK DIAGRAM
Bias
Generator
1.25V
0.8V
BST
HDRV
SW
VCC
LDRV
FB
COMP
OSC
R
S
Q
Digital
start Up
UVLO
POR
1.25/1.15
EN
GND
Control
Logic
OCP
comparator
OCP
VCC
ramp
OC
START
START
Latch Out
OC
1.3V
CLAMP
0.6V
CLAMP
START
PGOOD
FB
0.9Vref
/0.85Vref
PWM
0.8V
40uA
0.6V
FB
Hiccup Logic
OC
Figure 2 - Simplified block diagram of the NX2116


Similar Part No. - NX2117ACUTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2113 MICROSEMI-NX2113 Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113A MICROSEMI-NX2113A Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113ACMTR MICROSEMI-NX2113ACMTR Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113ACUTR MICROSEMI-NX2113ACUTR Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113CMTR MICROSEMI-NX2113CMTR Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
More results

Similar Description - NX2117ACUTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
logo
Cherry Semiconductor Co...
CS5166 CHERRY-CS5166 Datasheet
435Kb / 22P
   5-Bit Synchronous CPU Controller with Power-Good and Current Limit
logo
ON Semiconductor
CS5166 ONSEMI-CS5166 Datasheet
899Kb / 25P
   5?묪it Synchronous CPU Controller with Power Good and Current Limit
July, 2006 ??Rev. 4
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048_16 Datasheet
426Kb / 16P
   SYNCHRONOUS PWM CONTROLLER WITH OVER CURRENT PROTECTION
logo
International Rectifier
IRU3039 IRF-IRU3039 Datasheet
182Kb / 22P
   SYNCHRONOUS PWM CONTROLLER WITH OVER CURRENT PROTECTION
logo
Cherry Semiconductor Co...
CS5166H CHERRY-CS5166H Datasheet
440Kb / 22P
   5-Bit Synchronous CPU Controller with Power-Good and Current Limit
logo
International Rectifier
IRU3073 IRF-IRU3073 Datasheet
238Kb / 21P
   SYNCHRONOUS PWM CONTROLLER WITH OVER-CURRENT PROTECTION / LDO CONTROLLER
logo
Linear Technology
LTC4257-1 LINER-LTC4257-1 Datasheet
267Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
LTC4257-1 LINER-LTC4257-1_15 Datasheet
276Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
logo
List of Unclassifed Man...
AT1368 ETC-AT1368 Datasheet
549Kb / 13P
   1- Channel Synchronous Buck PWM Controller with Power Good Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com