Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2116CMTR Datasheet(PDF) 6 Page - Microsemi Corporation

Part # NX2116CMTR
Description  SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2116CMTR Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button NX2116CMTR Datasheet HTML 2Page - Microsemi Corporation NX2116CMTR Datasheet HTML 3Page - Microsemi Corporation NX2116CMTR Datasheet HTML 4Page - Microsemi Corporation NX2116CMTR Datasheet HTML 5Page - Microsemi Corporation NX2116CMTR Datasheet HTML 6Page - Microsemi Corporation NX2116CMTR Datasheet HTML 7Page - Microsemi Corporation NX2116CMTR Datasheet HTML 8Page - Microsemi Corporation NX2116CMTR Datasheet HTML 9Page - Microsemi Corporation NX2116CMTR Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NX2116/2116A/2116B/2117/2117A
6
Rev. 3.0
03/14/06
APPLICATION INFORMATION
Symbol Used In Application Information:
VIN
- Input voltage
VOUT
- Output voltage
IOUT
- Output current
DVRIPPLE - Output voltage ripple
FS
- Working frequency
DIRIPPLE - Inductor current ripple
Design Example
The following is typical application for NX2116A,
the schematic is figure 1.
VIN = 12V
VOUT=1.8V
FS=600kHz
IOUT=9A
DVRIPPLE <=20mV
DVDROOP<=100mV @ 9A step
Output Inductor Selection
The selection of inductor value is based on induc-
tor ripple current, power rating, working frequency and
efficiency. Larger inductor value normally means smaller
ripple current. However if the inductance is chosen too
large, it brings slow response and lower efficiency. Usu-
ally the ripple current ranges from 20% to 40% of the
output current. This is a design freedom which can be
decided by design engineer according to various appli-
cation requirements. The inductor value can be calcu-
lated by using the following equations:
IN
OUT
OUT
OUT
RIPPLE
INS
RIPPLE
OUTPUT
V -VV
1
L=
I
VF
I
=kI
××
×
...(1)
where k is between 0.2 to 0.4.
Select k=0.3, then
××
×
OUT
OUT
12V-1.8V
1.8V1
L=
0.3 9A
12V
600kHz
L
=0.94uH
Choose inductor from COILCRAFT DO3316P-
102HC with L=1uH is a good choice.
Current Ripple is recalculated as
××
×
×=
IN
OUT
OUT
RIPPLE
OUT
INS
V -VV
1
I=
L
VF
12V-1.8V 1.8v1
=
2.55A
1uH
12V
600kHz
...(2)
Output Capacitor Selection
Output capacitor is basically decided by the
amount of the output voltage ripple allowed during steady
state(DC) load condition as well as specification for the
load transient. The optimum design may require a couple
of iterations to satisfy both condition.
Based on DC Load Condition
The amount of voltage ripple during the DC load
condition is determined by equation(3).
=
× ∆+
××
RIPPLE
RIPPLE
RIPPLE
S
OUT
I
V
ESRI
8 FC
...(3)
Where ESR is the output capacitors' equivalent
series resistance,C
OUT is the value of output capacitors.
Typically when large value capacitors are selected
such as Aluminum Electrolytic,POSCAP and OSCON
types are used, the amount of the output voltage ripple
is dominated by the first term in equation(3) and the
second term can be neglected.
For this example, POSCAP are chosen as output
capacitors, the ESR and inductor current typically de-
termines the output voltage ripple.
=
=Ω
RIPPLE
desire
RIPPLE
V
20mV
ESR
=
7.8m
I
2.55A
...(4)
If low ESR is required, for most applications, mul-
tiple capacitors in parallel are better than a big capaci-
tor. For example, for 20mV output ripple, POSCAP
2R5TPE220MC with 12m
Ω are chosen.
E
R IPPLE
R IPPLE
ES RI
N
V
×∆
=
...(5)
Number of Capacitor is calculated as
Ω×
=
12m
2.56A
N
20mV
N =1.5
The number of capacitor has to be round up to a
integer. Choose N =2.
If ceramic capacitors are chosen as output ca


Similar Part No. - NX2116CMTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2113 MICROSEMI-NX2113 Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113A MICROSEMI-NX2113A Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113ACMTR MICROSEMI-NX2113ACMTR Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113ACUTR MICROSEMI-NX2113ACUTR Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113CMTR MICROSEMI-NX2113CMTR Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
More results

Similar Description - NX2116CMTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
logo
Cherry Semiconductor Co...
CS5166 CHERRY-CS5166 Datasheet
435Kb / 22P
   5-Bit Synchronous CPU Controller with Power-Good and Current Limit
logo
ON Semiconductor
CS5166 ONSEMI-CS5166 Datasheet
899Kb / 25P
   5?묪it Synchronous CPU Controller with Power Good and Current Limit
July, 2006 ??Rev. 4
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048_16 Datasheet
426Kb / 16P
   SYNCHRONOUS PWM CONTROLLER WITH OVER CURRENT PROTECTION
logo
International Rectifier
IRU3039 IRF-IRU3039 Datasheet
182Kb / 22P
   SYNCHRONOUS PWM CONTROLLER WITH OVER CURRENT PROTECTION
logo
Cherry Semiconductor Co...
CS5166H CHERRY-CS5166H Datasheet
440Kb / 22P
   5-Bit Synchronous CPU Controller with Power-Good and Current Limit
logo
International Rectifier
IRU3073 IRF-IRU3073 Datasheet
238Kb / 21P
   SYNCHRONOUS PWM CONTROLLER WITH OVER-CURRENT PROTECTION / LDO CONTROLLER
logo
Linear Technology
LTC4257-1 LINER-LTC4257-1 Datasheet
267Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
LTC4257-1 LINER-LTC4257-1_15 Datasheet
276Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
logo
List of Unclassifed Man...
AT1368 ETC-AT1368 Datasheet
549Kb / 13P
   1- Channel Synchronous Buck PWM Controller with Power Good Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com