Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU21008MUV Datasheet(PDF) 8 Page - Rohm

Part # BU21008MUV
Description  Capacitive Sensor Switch Control IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21008MUV Datasheet(HTML) 8 Page - Rohm

Back Button BU21008MUV Datasheet HTML 4Page - Rohm BU21008MUV Datasheet HTML 5Page - Rohm BU21008MUV Datasheet HTML 6Page - Rohm BU21008MUV Datasheet HTML 7Page - Rohm BU21008MUV Datasheet HTML 8Page - Rohm BU21008MUV Datasheet HTML 9Page - Rohm BU21008MUV Datasheet HTML 10Page - Rohm BU21008MUV Datasheet HTML 11Page - Rohm BU21008MUV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
BU21008MUV
Technical Note
8/16
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
1*h : Sensor Output Data】
Name:
SENS_DATA
Address:
1* h (one byte per sensor channel)
Description: The sensor output that converts to 10bit. Scaling, offsets and filtering (when enabled) are applied.
The most significant 8 bits are presented to the software with this register.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
1*h
SD_*[7]
SD_*[6]
SD_*[5]
SD_*[4]
SD_*[3]
SD_*[2]
SD_*[1]
SD_*[0]
R/W
R
R
R
R
R
R
R
R
Initial val.
1
0
0
0
0
0
0
0
32h / 33h : Button On/Off】
Name:
BTN
Address:
32h, 33h
Description: This is the state of the sensor when considered as an ON/OFF button. Here 1 : On. 0 :Off.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
32h
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
33h
CH15
CH14
CH13
CH12
CH11
CH10
CH9
CH8
R/W
R
R
R
R
R
R
R
R
Initial val.
0
0
0
0
0
0
0
0
35h : Button State Data】
Name:
BTN_STATE
Address:
35h
Description: This provides information about the press.
CH[3:0] : Effective channel :
This indicates which button is dominant.
SIMUL : Button effective :
This indicates that the effective channel corresponds to a valid button press according to the thresholds.
1 : On. 0 : Off.
CONTINU : A push and hold is effective :
Indicates that the button was pressed and held for more than push/hold judgment time. 1 : On. 0 : Off.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
35h
CONTINU
-
-
SIMUL
CH[3]
CH[2]
CH[1]
CH[0]
R/W
R
-
-
R
R
R
R
R
Initial val.
0
-
-
0
0
0
0
0
4* h : Offset Correction Data】
Name:
OFFSET
Address:
4* h (one byte per sensor channel)
Description: This is the offset required to correct the sense data to half scale during the calibration procedure.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
4*h
OFS_*[7]
OFS_*[6]
OFS_*[5]
OFS_*[4]
OFS_*[3]
OFS_*[2]
OFS_*[1]
OFS_*[0]
R/W
R
R
R
R
R
R
R
R
Initial val.
1
0
0
0
0
0
0
0
60h / 61h : Gesture Duration】
Name:
GES_VEL
Address:
60h, 61h
Description: Indicates the duration of the gesture in number of internal clocks. The count is a clock set with
0xE4(GES_CLK). It is possible to count up to 0~4095 clocks.
Gesture duration=(gesture sampling interval) * VEL [sec]
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
60h
VEL[7]
VEL[6]
VEL[5]
VEL[4]
VEL[3]
VEL[2]
VEL[1]
VEL[0]
61h
-
-
-
-
VEL[11]
VEL[10]
VEL[9]
VEL[8]
R/W
R
R
R
R
R
R
R
R
Initial val.
0
0
0
0
0
0
0
0


Similar Part No. - BU21008MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21009MUV ROHM-BU21009MUV Datasheet
331Kb / 14P
   Capacitive Sensor Switch Control IC
More results

Similar Description - BU21008MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21050FS ROHM-BU21050FS Datasheet
315Kb / 8P
   Capacitive Sensor Switch Control IC
BU21010MUV ROHM-BU21010MUV Datasheet
342Kb / 15P
   Capacitive Sensor Switch Control IC
BU21051FS ROHM-BU21051FS Datasheet
274Kb / 7P
   Capacitive Sensor Switch Control IC
BU21009MUV ROHM-BU21009MUV Datasheet
331Kb / 14P
   Capacitive Sensor Switch Control IC
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
   Capacitive Sensor Signal Conditioner IC
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
   Capacitive Sensor Signal Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com