Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU16020KV Datasheet(PDF) 9 Page - Rohm

Part # BU16020KV
Description  3 for input 1 output switch with Termination sense non correspondence
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU16020KV Datasheet(HTML) 9 Page - Rohm

Back Button BU16020KV Datasheet HTML 5Page - Rohm BU16020KV Datasheet HTML 6Page - Rohm BU16020KV Datasheet HTML 7Page - Rohm BU16020KV Datasheet HTML 8Page - Rohm BU16020KV Datasheet HTML 9Page - Rohm BU16020KV Datasheet HTML 10Page - Rohm BU16020KV Datasheet HTML 11Page - Rohm BU16020KV Datasheet HTML 12Page - Rohm BU16020KV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Technical Note
9/19
BU16027KV
www.rohm.com
2009.05 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
3.) ELECTRICAL CHARACTERISTICS
Over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN.
TYP.
(1)
MAX.
Icc
Supply current
VIH- = Vcc,VIL = Vcc-0.4V,RVSADJ =
4.64k
RT = 50Ω,AVcc = 3.3V
Am/Bm = 2.25 Gbps HDMI data
pattern,
m = 2,3,4
A1,/B1 = 225 MHz clock
-
120
150
mA
PD
Power dissipation
VIH = Vcc,VIL = Vcc-0.4V,RVSADJ =
4.64k
RT = 50Ω,AVcc = 3.3V
Am/Bm = 2.25Gbps HDMI data
pattern,
m = 2,3,4
A1/B1 =255 MHZ clock
-
450
600
mW
TMDS DIFFERENTIAL PINS (A/B;Y/Z)
VOH
Single-ended high-level output
voltage
See Figure 5-2, AVcc = 3.3V,
RT = 50Ω
AVcc-
200
-
Avcc-50
mV
VOL
Single-ended low-level output
voltage
AVcc-
600
-
Avcc-400
mV
VSWING
Single-ended low-level swing
voltage
300
-
460
mV
Vod(O)
Overshoot of output differential
voltage
-
6%
15%
2xVswing
Vod(U)
Undershoot of output
differential voltage
-
12%
25%
2xVswing
VOD(pp)
Steady state output differential
voltage
See Figure 5-2,
Am/Bm = 250 Mbps HDMI data
pattern ,
m = 2,3,4
A1/B1 = 25 MHz clock
600
-
920
mVp-p
RINT
Input termination resistance
VIN = 2.9V
45
50
55
⊿VOCSS
Change in steady-state
common-mode output voltage
between logic states
-
5
-
mV
SYMBOL


Similar Part No. - BU16020KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU16020KV ROHM-BU16020KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16020KV ROHM-BU16020KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16020KV ROHM-BU16020KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
More results

Similar Description - BU16020KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU16018KV ROHM-BU16018KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16024KV ROHM-BU16024KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2521 NJRC-NJM2521 Datasheet
127Kb / 3P
   3-INPUT 1-OUTPUT AUDIO SWITCH?
logo
Adels-Contact
979V43T5 ADELS-979V43T5 Datasheet
123Kb / 1P
   Switch Distributor, 1 Input/3 Output Terminals
12/11/2019
979V43T3 ADELS-979V43T3 Datasheet
124Kb / 1P
   Switch Distributor, 1 Input/3 Output Terminals
12/11/2019
979V43T2 ADELS-979V43T2 Datasheet
123Kb / 1P
   Switch Distributor, 1 Input/3 Output Terminals
12/11/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com