Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRE15UFSMSS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SRE15UFSMSS
Description  0.75 AMP 1000 - 1500 Volts 50-70 nsec HIGH REVERSE ENERGY ABSORPTION CAPABILITY ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SRE15UFSMSS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SRE15UFSMSS Datasheet HTML 1Page - Solid States Devices, Inc SRE15UFSMSS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SRE __ UF ___ __
L Screening
2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
L Package
__ = Axial
SMS = Surface Mount Square Tab
L
Recovery Time
UF = Ultra Fast
L
Voltage
10 = 1000 V
11 = 1100 V
12 = 1200 V
13 = 1300 V
14 = 1400 V
15 = 1500 V
SRE10UF-SRE15UF
and
SRE10UFSMS-SRE15UFSMS
0.75 AMP
1000 – 1500 Volts
50-70 nsec
HIGH REVERSE ENERGY
ABSORPTION CAPABILITY
ULTRA FAST RECTIFIER
Features:
• Ultra Fast Recovery: 50-70 nsec Max.
• High Reverse Energy Absorption Capability
• Single Chip Construction
• PIV to 1500 Volts
• Low Reverse Leakage Current
• Available in Surface Mount versions
• Metallurgically Bonded
• TX, TXV, and S-Level Screening Available2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SRE10UF
SRE11UF
SRE12UF
SRE13UF
SRE14UF
SRE15UF
VRRM
VRWM
VR
1000
1100
1200
1300
1400
1500
Volts
Reverse Energy Voltage Surge
(Discharge Voltage Vs from 0.0022µF capacitor)
Vs
200V GREATER
THAN RATED VR
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25ºC)
Io
0.75
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, Allow Junction to
Reach Equilibrium Between Pulses, TA = 25ºC)
IFSM
20
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Lead, L = 3/8 "
Junction to End Tab
RθJL
RθJE
40
35
ºC/W
Notes:
1/ For Ordering Information, Price, Operating Curves, and
Availability – Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows
Available on Request.
Axial Leaded
SMS (Square)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0121D
DOC


Similar Part No. - SRE15UFSMSS

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SRE11P113J4172C WINCHESTER-SRE11P113J4172C Datasheet
445Kb / 5P
   OUT ASSEMBLY SRE SERIES CONNECTORS
SRE11P113N4172C WINCHESTER-SRE11P113N4172C Datasheet
445Kb / 5P
   OUT ASSEMBLY SRE SERIES CONNECTORS
SRE11PJ WINCHESTER-SRE11PJ Datasheet
183Kb / 1P
   COMPSITE OUTLINE ASSY SRE xx PJ
SRE11PJ-859 WINCHESTER-SRE11PJ-859 Datasheet
183Kb / 1P
   COMPSITE OUTLINE ASSY SRE xx PJ
SRE11S113N4172C WINCHESTER-SRE11S113N4172C Datasheet
162Kb / 2P
   SRE-SERIES RIGHT ANGLE CONNECTOR
More results

Similar Description - SRE15UFSMSS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR705 SSDI-SDR705 Datasheet
201Kb / 2P
   70 AMP 50-200 VOLTS 50 nsec ULTRA FAST RECTIFIER
SDR1ASM SSDI-SDR1ASM Datasheet
161Kb / 2P
   1.0 AMPS 50 - 1000 VOLTS 50 - 70 nsec ULTRA FAST RECTIFIER
SDR9JUF SSDI-SDR9JUF_1 Datasheet
38Kb / 2P
   9 AMP 800-1000 Volts 70 nsec ULTRA FAST RECOVERY RECTIFIER
SDR6KSMS SSDI-SDR6KSMS Datasheet
208Kb / 2P
   6 AMP 800-1000 VOLTS 60-70 nsec ULTRA FAST RECTIFIER
SDR9JUF SSDI-SDR9JUF Datasheet
51Kb / 2P
   9 AMP 800 - 1000 VOLTS 70 nsec ULTRA FAST RECOVERY RECTIFIER
SDR1210CTJ SSDI-SDR1210CTJ Datasheet
60Kb / 2P
   12AMPS 1000 - 1200 VOLTS 70 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR1304 SSDI-SDR1304 Datasheet
139Kb / 2P
   3 AMP, 400 - 800 Volts 70 nsec, Ultra Fast Rectifier
SDR1-12 SSDI-SDR1-12 Datasheet
214Kb / 2P
   1.0 AMP 1200 - 1600 VOLTS 70 nsec ULTRA FAST RECTIFIER
SDR1P SSDI-SDR1P Datasheet
155Kb / 2P
   1 AMP 1300 ??1900 VOLTS 70 nsec ULTRA FAST RECTIFIER
SDR305 SSDI-SDR305 Datasheet
203Kb / 2P
   30 AMP 50-150 VOLTS 50 nsec ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com