Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2113ACMTR Datasheet(PDF) 4 Page - Microsemi Corporation

Part # NX2113ACMTR
Description  300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2113ACMTR Datasheet(HTML) 4 Page - Microsemi Corporation

  NX2113ACMTR Datasheet HTML 1Page - Microsemi Corporation NX2113ACMTR Datasheet HTML 2Page - Microsemi Corporation NX2113ACMTR Datasheet HTML 3Page - Microsemi Corporation NX2113ACMTR Datasheet HTML 4Page - Microsemi Corporation NX2113ACMTR Datasheet HTML 5Page - Microsemi Corporation NX2113ACMTR Datasheet HTML 6Page - Microsemi Corporation NX2113ACMTR Datasheet HTML 7Page - Microsemi Corporation NX2113ACMTR Datasheet HTML 8Page - Microsemi Corporation NX2113ACMTR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NX2113/2113A
4
Rev. 2.0
11/18/05
PIN DESCRIPTIONS
PIN #
PIN SYMBOL
PIN DESCRIPTION
This pin supplies voltage to the high side driver. A high frequency
ceramic capacitor of 0.1 to 1 uF must be connected from this pin to SW pin.
High side MOSFET gate driver.
Power and analog ground pin. For MLPD package, analog ground and power ground
are separated, additional pad pin(11) is available for analog ground.
Low side MOSFET gate driver.
Ldrv supply voltage. A 1uF high frequency cap must be connected from this pin to
GND directly.
Voltage supply for the internal circuit as well as the low side MOSFET gate driver. A
1uF high frequency ceramic capacitor must be connected from this pin to GND pin.
Pull up this pin to Vcc for normal operation. Pulling this pin down below 1.25V
shuts down the controller and resets the soft start. This pin can also be used as
a UVLO detector for the bus voltage via a resistor divider.
This pin is the error amplifier inverting input. This pin is also connected to the output
UVLO comparator. When this pin falls below 0.4V, both HDRV and LDRV outputs
are latched off.
This pin is the output of the error amplifier and together with FB pin is used to
compensate the voltage control feedback loop.
This pin is connected to the source of the high side MOSFET and provides return
path for the high side driver.
1
BST
2
HDRV
3
PGND/Gnd
4
LDRV
5
PVcc
6
Vcc
7
EN
8
FB
9
COMP
10
SW


Similar Part No. - NX2113ACMTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2114 MICROSEMI-NX2114 Datasheet
810Kb / 20P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2114A MICROSEMI-NX2114A Datasheet
810Kb / 20P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2114ACSTR MICROSEMI-NX2114ACSTR Datasheet
810Kb / 20P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2114CSTR MICROSEMI-NX2114CSTR Datasheet
810Kb / 20P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2116 MICROSEMI-NX2116 Datasheet
408Kb / 14P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
More results

Similar Description - NX2113ACMTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2114 MICROSEMI-NX2114 Datasheet
810Kb / 20P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2124 MICROSEMI-NX2124 Datasheet
517Kb / 17P
   300kHz SYNCHRONOUS PWM CONTROLLER
NX2154 MICROSEMI-NX2154 Datasheet
556Kb / 17P
   300kHz SYNCHRONOUS PWM CONTROLLER
logo
Sipex Corporation
SP6132 SIPEX-SP6132 Datasheet
314Kb / 14P
   Wide Input, 300KHz Synchronous PWM Controller
SP6132H SIPEX-SP6132H Datasheet
264Kb / 14P
   High Voltage, 300KHz Synchronous PWM Controller
SP6132H SIPEX-SP6132H_06 Datasheet
290Kb / 10P
   High Voltage, 300KHz Synchronous PWM Controller
logo
Exar Corporation
SP6132H EXAR-SP6132H Datasheet
290Kb / 14P
   High Voltage, 300KHz Synchronous PWM Controller
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Exar Corporation
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
   High Voltage, 600kHz Synchronous PWM Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com