Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4303 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJW4303
Description  PWM 3-PHASE DC BRUSHLESS MOTOR CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4303 Datasheet(HTML) 2 Page - New Japan Radio

  NJW4303 Datasheet HTML 1Page - New Japan Radio NJW4303 Datasheet HTML 2Page - New Japan Radio NJW4303 Datasheet HTML 3Page - New Japan Radio NJW4303 Datasheet HTML 4Page - New Japan Radio NJW4303 Datasheet HTML 5Page - New Japan Radio NJW4303 Datasheet HTML 6Page - New Japan Radio NJW4303 Datasheet HTML 7Page - New Japan Radio NJW4303 Datasheet HTML 8Page - New Japan Radio NJW4303 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
NJW4303
- 2 -
PIN FUNCTION LIST
* All Ground Pins must be connected at the outside.
* Electrical potential of all unused output pins must be fixed at the outside.
Pin#
Terminal
Name
Function
Remark
1
VREF
5V Output Voltage Terminal
Outputs Supply Voltage of 5V
2
H1+
Hall Element Input Terminal H1+
Use with H1-
3
H1-
Hall Element Input Terminal H1-
Use with H1+
4
H2+
Hall Element Input TerminalH2+
Use with H2-
5
H2-
Hall Element Input Terminal H2-
Use with H2+
6
H3+
Hall Element Input Terminal H3+
Use with H3-
7
H3-
Hall Element Input Terminal H3-
Use with H3+
8,22,27,28
N.C.
No Connection
No Connection
9
FG
FG pulse Output Terminal
Output Rotary Signal
10
FR
Forward/Reverse Direction
Input Terminal
L, or Open=Forward Direction, H=Reverse Direction
11
BR
Short Brake Input Terminal
L, or Open=Rotation, H=Short Brake
12
N1
FG Pattern Switching Terminal1
Set FG Pattern by Combination with N2. Cf. the below table
13
N2
FG Pattern Switching Terminal2
Set FG Pattern by Combination with N1. Cf. the below table
14
DEC
Hall Input Phase Switching Terminal
L, or Open=120
° Hall Input, H=60° Hall Input
15
S/S
Start and Stop input Terminal
L, or Open=Start, H=Stop
16
VERR
Error Amp Voltage Input Terminal
Set Output ON Duty
H=Output ON Duty 100%, L=Output ON Duty 0%
Pull-up to VREF PIN in nonuse
17,26
GND
Logic Ground Terminal
Connecting with Ground
18
OSC
PWM Control Capacitor Terminal
Insert a Capacitor between Grounds. Set PWM frequency
depending on the value of the Capacitor
19
Ct
Lock Protection Capacitor
Connection Terminal
Insert a Capacitor between Grounds. Depending on the value of the
Capacitor, set On/Off timer for the Output at the time of activated
Lock Protection.
20
FRC
Dead-Time Capacitor Connection
Terminal
Insert a Capacitor between Grounds. Depending on the value of the
Capacitor, set Output Dead Band at the time of FR switching
21
ILIMIT
Over Current Sensing Terminal
Connect to the ground side of the external driver
23
WL
Output Terminal WL
Connect to Nch Gate Driver
24
VL
Output Terminal VL
Connect to Nch Gate Driver
25
UL
Output Terminal UL
Connect to Nch Gate Driver
29
WH
Output Terminal WH
Connect to Pch Gate Driver
30
VH
Output Terminal VH
Connect to Pch Gate Driver
31
UH
Output Terminal UH
Connect to Pch Gate Driver
32
VCC
Motor Voltage Supply Terminal
Connect motor power source to the terminal
FG Pattern by combination with N1 and N2
No.
N1
N2
FG
1
H
H
1/2 Frequency Signal from H1
2
H
L/OPEN
Signal from H1
3
L/OPEN
H
1/2 Frequency Signal from 3 Hall Compound Signals
4
L/OPEN
L/OPEN
3 Hall Compound Signals


Similar Part No. - NJW4303

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4303 NJRC-NJW4303 Datasheet
155Kb / 1P
   Hall Element-PWM Type 3-Phase Motor Control IC
NJW4303V NJRC-NJW4303V Datasheet
155Kb / 1P
   Hall Element-PWM Type 3-Phase Motor Control IC
NJW4303 NJRC-NJW4303_10 Datasheet
155Kb / 1P
   Hall Element-PWM Type 3-Phase Motor Control IC
More results

Similar Description - NJW4303

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4305 NJRC-NJW4305 Datasheet
157Kb / 1P
   PWM 3-PHASE DC BRUSHLESS MOTOR CONTROLLER
logo
Vishay Siliconix
SI9979 VISHAY-SI9979 Datasheet
270Kb / 7P
   3-Phase Brushless DC Motor Controller
Rev. D, 05-Apr-99
SI9979 VISHAY-SI9979_V01 Datasheet
331Kb / 10P
   3-Phase Brushless DC Motor Controller
01-Jan-2022
logo
PADAUK Technology.
DF339 PADAUK-DF339 Datasheet
734Kb / 11P
   3-Phase Brushless DC Motor Controller
logo
Vishay Siliconix
SI9979 VISHAY-SI9979_04 Datasheet
122Kb / 9P
   3-Phase Brushless DC Motor Controller
Rev. E, 21-Jun-04
logo
PADAUK Technology.
MF520 PADAUK-MF520 Datasheet
619Kb / 12P
   3-Phase Brushless DC Motor Controller
MF616 PADAUK-MF616 Datasheet
511Kb / 11P
   3-Phase Brushless DC Motor Controller
DF329 PADAUK-DF329 Datasheet
744Kb / 17P
   3-Phase Brushless DC Motor Controller
DF319 PADAUK-DF319 Datasheet
307Kb / 12P
   3-Phase Brushless DC Motor Controller
logo
Allegro MicroSystems
2936-120 ALLEGRO-2936-120 Datasheet
211Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com