Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2819ADL3-07 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2819ADL3-07
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2819ADL3-07 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2819ADL3-07 Datasheet HTML 3Page - New Japan Radio NJM2819ADL3-07 Datasheet HTML 4Page - New Japan Radio NJM2819ADL3-07 Datasheet HTML 5Page - New Japan Radio NJM2819ADL3-07 Datasheet HTML 6Page - New Japan Radio NJM2819ADL3-07 Datasheet HTML 7Page - New Japan Radio NJM2819ADL3-07 Datasheet HTML 8Page - New Japan Radio NJM2819ADL3-07 Datasheet HTML 9Page - New Japan Radio NJM2819ADL3-07 Datasheet HTML 10Page - New Japan Radio NJM2819ADL3-07 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NJM2819A
- 7 -
Ver.2010-02-08
TYPICAL CHARACTERISTICS
NJM2819A_3.0V
Output Voltage vs.Input Voltage
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
Input Voltage : VIN (V)
Io=0A
Io=500mA
@:Ta=25°C
Co=4.7uF(Ceramic)
Io=2000mA
NJM2819A_3.0V
Ground Pin Current vs.Output Current
0
1
2
3
4
5
0
500
1000
1500
2000
2500
3000
Output Currnet : Io (mA)
@:Ta=25°C
VIN=4.0V
Co=4.7uF(Ceramic)
NJM2819A_3.0V
Dropout Voltage vs.Output Current
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0
500
1000
1500
2000
2500
3000
Output Current : Io (mA)
@:Ta=25°C
Vin=2.5V
Co=2.2uF(Ceramic)
NJM2819A_3.0V
Control Current vs.Control Voltage
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
3
3.5
4
Control Voltage (V)
Rc=0Ω
Rc=50kΩ
Rc=100kΩ
@:Ta=25°C
VIN=4.0V
Co=4.7uF(Ceramic)
Io=500mA
NJM2819A_3.0V
Output Voltage vs. Control Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.5
1
1.5
2
2.5
Control Voltage (V)
Rc=0Ω
Rc=50kΩ
Rc=100kΩ
@:Ta=25°C
VIN=4.0V
Co=4.7uF(Ceramic)
Io=500mA
NJM2819A_3.0V
Output Volatage vs.Output Current
0
0.5
1
1.5
2
2.5
3
3.5
4
01
234
56
Output Current : Io (A)
@:Ta=25°C
VIN=4.0V
Co=4.7uF(Ceramic)


Similar Part No. - NJM2819ADL3-07

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2815 NJRC-NJM2815 Datasheet
416Kb / 22P
   null1.0 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT
Ver.1.0
NJM2815GM1-51A NJRC-NJM2815GM1-51A Datasheet
416Kb / 22P
   null1.0 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT
Ver.1.0
NJM2815GM1-51B NJRC-NJM2815GM1-51B Datasheet
416Kb / 22P
   null1.0 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT
Ver.1.0
NJM2816 NJRC-NJM2816 Datasheet
410Kb / 21P
   1.5 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT
Ver.1.0
NJM2816GM1-51A NJRC-NJM2816GM1-51A Datasheet
410Kb / 21P
   1.5 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT
Ver.1.0
More results

Similar Description - NJM2819ADL3-07

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com