Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0998A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0998A
Description  SAW Filter 250 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0998A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0998A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0998A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0998A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0998A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0998A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0998A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 3 -
TST DCC
Release document
D.OUTLINE DRAWING:
Data code:See the table
WK
01 02 … 26 27 28 … 52
Code A
B
Z
a
b
z
Year code:See the table
2009
2010
2011
2012
Year
2013
2014
2015
2016
Code
A
a
A
a
E. PCB Footprint:


Similar Part No. - TA0998A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0998A GOLLEDGE-TA0998A Datasheet
75Kb / 5P
   250MHz SAW Filter
More results

Similar Description - TA0998A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2050A TAI-SAW-TA2050A Datasheet
330Kb / 7P
   SAW Filter 250 MHz
logo
API Technologies Corp
SF0250BA02425S APITECH-SF0250BA02425S Datasheet
181Kb / 3P
   250 MHz SAW Filter 80 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0250BA02425S ICST-SF0250BA02425S Datasheet
82Kb / 3P
   250 MHz SAW Bandpass Filter 80 MHz bandwidth
logo
KR Electronics, Inc.
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
   250 MHz Bandpass Filter
3086 KR-3086 Datasheet
58Kb / 3P
   250 MHz Lowpass Filter
3068 KR-3068 Datasheet
56Kb / 3P
   250 MHz Lowpass Filter
3062 KR-3062 Datasheet
62Kb / 3P
   250 MHz Bandpass Filter
3248-SMA KR-3248-SMA Datasheet
102Kb / 3P
   250 MHz Bandpass Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com