Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJL5901R-2 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJL5901R-2
Description  COBP PHOTO REFLECTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJL5901R-2 Datasheet(HTML) 4 Page - New Japan Radio

  NJL5901R-2 Datasheet HTML 1Page - New Japan Radio NJL5901R-2 Datasheet HTML 2Page - New Japan Radio NJL5901R-2 Datasheet HTML 3Page - New Japan Radio NJL5901R-2 Datasheet HTML 4Page - New Japan Radio NJL5901R-2 Datasheet HTML 5Page - New Japan Radio NJL5901R-2 Datasheet HTML 6Page - New Japan Radio NJL5901R-2 Datasheet HTML 7Page - New Japan Radio NJL5901R-2 Datasheet HTML 8Page - New Japan Radio NJL5901R-2 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NJL5901R-2
- 4 –
28.Jan.2010 Rev.1.2
Power Dissipation vs. Temperature
0
10
20
30
40
50
60
70
80
90
100
0
2040
6080
100
Ambient Temperature Ta(
°C)
Forward Current vs. Temperature
0
5
10
15
20
25
30
35
40
45
50
0
2040
6080
100
Ambient Temperature Ta(°C)
Forward Voltage vs. Forward Current
1
10
100
0.0
1.0
2.0
Forward Voltage VF(V)
Forward Voltage vs. Temperature
0.8
1
1.2
1.4
1.6
-40
-20
0
20
40
60
80
100
Ambient Temperature Ta(
°C)
Dark Current vs. Temperature
0.001
0.01
0.1
1
10
100
1000
-40
-20
0
20
40
60
80
100
Ambient Temperature Ta(°C)
Operating Dark Current vs. Temperature
0.01
0.1
1
10
-40
-20
0
20
40
60
80
100
Ambient Temperature Ta(°C)
■ TYPICAL CHARACTERISTCS
Total Power
Dissipation
Total Power
Dissipation
Collector Power
Dissipation
IF=20mA
IF=4mA
VCE=10V
IF=4mA , VCE=2V


Similar Part No. - NJL5901R-2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJL5901R NJRC-NJL5901R Datasheet
130Kb / 7P
   COBP PHOTO REFLECTOR
More results

Similar Description - NJL5901R-2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJL5902R-2 NJRC-NJL5902R-2 Datasheet
210Kb / 9P
   COBP PHOTO REFLECTOR
NJL5901AR-1-TE1 NJRC-NJL5901AR-1-TE1 Datasheet
152Kb / 8P
   COBP PHOTO REFLECTOR
NJL5901R NJRC-NJL5901R Datasheet
130Kb / 7P
   COBP PHOTO REFLECTOR
NJL6401R-3 NJRC-NJL6401R-3 Datasheet
248Kb / 7P
   COBP High Speed Photo Diode
logo
Marktech Corporate
MTRS1060 MARKTECH-MTRS1060 Datasheet
100Kb / 2P
   Photo Reflector
logo
New Japan Radio
NJL5175K NJRC-NJL5175K Datasheet
262Kb / 8P
   PHOTO REFLECTOR?
NJL5181K NJRC-NJL5181K Datasheet
317Kb / 10P
   PHOTO REFLECTOR?
logo
Marktech Corporate
MTRS6140T MARKTECH-MTRS6140T Datasheet
50Kb / 2P
   Photo Reflector
MTRS5750 MARKTECH-MTRS5750 Datasheet
53Kb / 2P
   Photo Reflector
MTRS6140 MARKTECH-MTRS6140 Datasheet
52Kb / 2P
   Photo Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com