Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0991A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0991A
Description  SAW Filter 947.5 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0991A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0991A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0991A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0991A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0991A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0991A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0991A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0991A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
D.OUTLINE DRAWING:
: Year Code (2006->6, …, 2009->9)
: Date Code (W01->A, W02->B,…,W27->a,…,W52->z)
E. PCB Footprint:
B : Input
E : Output
A,C,D,F : Ground
Unit : mm


Similar Part No. - TA0991A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0991A GOLLEDGE-TA0991A Datasheet
84Kb / 6P
   SAW Filter 947.50MHz
More results

Similar Description - TA0991A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1184B-1 RFM-SF1184B-1 Datasheet
201Kb / 6P
   947.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1184B-1 MURATA-SF1184B-1 Datasheet
201Kb / 6P
   947.5 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF0948BA02589S SPECTRUM-SF0948BA02589S Datasheet
118Kb / 3P
   947.5 MHz SAW Filter 25 MHz Bandwidth
logo
Oscilent Corporation
802-RF947.5M-A OSCILENT-802-RF947.5M-A Datasheet
176Kb / 2P
   947.5 MHz RF SAW Filter
logo
Golledge Electronics Lt...
MA04712 GOLLEDGE-MA04712 Datasheet
181Kb / 9P
   SAW Filter 947.5 MHz For GSM
logo
API Technologies Corp
SF0948BA02589S APITECH-SF0948BA02589S Datasheet
118Kb / 3P
   947.5 MHz SAW Filter 25 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0748B TAI-SAW-TA0748B Datasheet
369Kb / 8P
   SAW Filter 947.5 MHz For GSM
TE1842-947EC TAI-SAW-TE1842-947EC Datasheet
510Kb / 8P
   Dual SAW Filter 947.5 and 1842.5 MHz
TA0361A TAI-SAW-TA0361A Datasheet
264Kb / 7P
   SAW Filter 947.5 MHz SMD 3X3 mm
logo
Golledge Electronics Lt...
MA04711 GOLLEDGE-MA04711 Datasheet
136Kb / 7P
   SAW Filter 947.5 MHz for Mobile Communication
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com