Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0970A Datasheet(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0970A
Description  SAW Filter 1090 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0970A Datasheet(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0970A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0970A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0970A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0970A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0970A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0970A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0970A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Time (Sec)
H. RECOMMENDED REFLOW PROFILE :


Similar Part No. - TA0970A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0970A GOLLEDGE-TA0970A Datasheet
393Kb / 6P
   SAW Filter 1090MHz
More results

Similar Description - TA0970A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1090EC TAI-SAW-TA1090EC Datasheet
345Kb / 6P
   SAW Filter 1090 MHz
logo
TriQuint Semiconductor
857215 TRIQUINT-857215_15 Datasheet
544Kb / 6P
   1090 MHz SAW filter
856096 TRIQUINT-856096 Datasheet
535Kb / 5P
   1090 MHz SAW Filter
857179 TRIQUINT-857179_15 Datasheet
889Kb / 6P
   1090 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2003A TAI-SAW-TA2003A Datasheet
284Kb / 7P
   SAW Filter 1090 MHz
TA0970B TAI-SAW-TA0970B Datasheet
372Kb / 7P
   SAW Filter 1090 MHz
logo
API Technologies Corp
MN95016 APITECH-MN95016 Datasheet
78Kb / 3P
   1090 MHz SAW Filter 12 MHz Bandwidth
logo
TriQuint Semiconductor
856096 TRIQUINT-856096_15 Datasheet
523Kb / 6P
   1090 MHz Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TC0514A TAI-SAW-TC0514A Datasheet
408Kb / 6P
   SAW Resonator 1090 MHz
TC0514B TAI-SAW-TC0514B Datasheet
257Kb / 7P
   SAW Resonator 1090 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com