Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH76331FV Datasheet(PDF) 19 Page - Rohm

Part # BH76331FV
Description  Video Drivers with Built-in Low Voltage operation Single Video Switchers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH76331FV Datasheet(HTML) 19 Page - Rohm

Back Button BH76331FV Datasheet HTML 15Page - Rohm BH76331FV Datasheet HTML 16Page - Rohm BH76331FV Datasheet HTML 17Page - Rohm BH76331FV Datasheet HTML 18Page - Rohm BH76331FV Datasheet HTML 19Page - Rohm BH76331FV Datasheet HTML 20Page - Rohm BH76331FV Datasheet HTML 21Page - Rohm BH76331FV Datasheet HTML 22Page - Rohm BH76331FV Datasheet HTML 23Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Technical Note
BH76330FVM, BH76331FVM, BH76360FV, BH76361FV,
BH76332FVM, BH76333FVM, BH76362FV, BH76363FV
19/32
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Control pin settings
CTLA
CTLB
CTLC
CTLD
IN1
L(OPEN)
L(OPEN)
L(OPEN)
H
IN2
H
L(OPEN)
L(OPEN)
H
IN3
L(OPEN)
H
L(OPEN)
H
IN4
H
H
L(OPEN)
H
IN5
L(OPEN)
L(OPEN)
H
H
IN6
H
L(OPEN)
H
H
MUTE
H
H
H
STBY
L(OPEN)
L(OPEN) or H either is possible
Block diagram
Fig.1 BH76360FV
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
logic
IN4
GND
IN3
GND
IN2
VCC
IN1
PVCC
IN5
CTLA
CTLB
CTLC
PGND
OUT
CTLD
IN6
Sync_Tip
Clamp
Sync_Tip
Clamp
Sync_Tip
Clamp
Sync_Tip
Clamp
Sync_Tip
Clamp
6dB
75Ω
Sync_Tip
Clamp
9
10
11
12
13
14
15
16
87
65
4
3
2
1
logic
IN4
GND
IN3
GND
IN2
VCC
IN1
PVCC
IN5
CTLA
CTLB
CTLC
PGND
OUT
CTLD
IN6
BIAS
6dB
75Ω
BIAS
BIAS
BIAS
BIAS
BIAS
Fig.2 BH76361FV
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
logic
IN4
GND
IN3
GND
IN2
VCC
IN1
PVCC
IN5
CTLA
CTLB
CTLC
PGND
OUT
CTLD
IN6
Sync_Tip
Clamp
Sync_Tip
Clamp
Sync_Tip
Clamp
Sync_Tip
Clamp
Sync_Tip
Clamp
Sync_Tip
Clamp
0dB
9
10
11
12
13
14
15
16
87
65
4
3
2
1
logic
IN4
GND
IN3
GND
IN2
VCC
IN1
PVCC
IN5
CTLA
CTLB
CTLC
PGND
OUT
CTLD
IN6
BIAS
0dB
BIAS
BIAS
BIAS
BIAS
BIAS
Fig.3 BH76362FV
Fig.4 BH76363FV


Similar Part No. - BH76331FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7634AS ROHM-BH7634AS Datasheet
245Kb / 12P
   Audio / video switch for CANAL - Plus decoder
logo
List of Unclassifed Man...
BH7636S ETC-BH7636S Datasheet
252Kb / 2P
   Video Switch for Canal
More results

Similar Description - BH76331FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7612F ROHM-BA7612F Datasheet
151Kb / 5P
   Single Output Video Drivers with built-in input Selector
BA7613F ROHM-BA7613F Datasheet
134Kb / 5P
   Single Output Video Drivers with built-in Input Selector
BA7654F ROHM-BA7654F_1 Datasheet
156Kb / 5P
   Single Circuit Video Signal Switchers
BA7653AFV ROHM-BA7653AFV Datasheet
220Kb / 5P
   Single Circuit Video Signal Switchers
BA7653AF ROHM-BA7653AF_1 Datasheet
222Kb / 5P
   Single Circuit Video Signal Switchers
BA7652AF ROHM-BA7652AF_1 Datasheet
153Kb / 5P
   Single Circuit Video Signal Switchers
BH76906GU ROHM-BH76906GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
BH76912GU ROHM-BH76912GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
BH76812FVM ROHM-BH76812FVM Datasheet
144Kb / 6P
   Low voltage operation video driver with LPF
BH76816FVM ROHM-BH76816FVM Datasheet
142Kb / 6P
   Low voltage operation video driver with LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com