Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH76331FV Datasheet(PDF) 11 Page - Rohm

Part # BH76331FV
Description  Video Drivers with Built-in Low Voltage operation Single Video Switchers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH76331FV Datasheet(HTML) 11 Page - Rohm

Back Button BH76331FV Datasheet HTML 7Page - Rohm BH76331FV Datasheet HTML 8Page - Rohm BH76331FV Datasheet HTML 9Page - Rohm BH76331FV Datasheet HTML 10Page - Rohm BH76331FV Datasheet HTML 11Page - Rohm BH76331FV Datasheet HTML 12Page - Rohm BH76331FV Datasheet HTML 13Page - Rohm BH76331FV Datasheet HTML 14Page - Rohm BH76331FV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Technical Note
BH76330FVM, BH76331FVM, BH76360FV, BH76361FV,
BH76332FVM, BH76333FVM, BH76362FV, BH76363FV
11/32
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Reference data (1) BH76330FVM/BH76331FVM [unless otherwise specified, output capacitance C: 470 µF, RL = 150 
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
23
4
5
6
電源電圧[V]
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
-50
0
50
100
周囲温度[℃]
5.7
5.8
5.9
6.0
6.1
6.2
6.3
-50
0
50
100
周囲温度[℃]
5.7
5.8
5.9
6.0
6.1
6.2
6.3
23
4
5
6
電源電圧[V]
5.7
5.8
5.9
6.0
6.1
6.2
6.3
-50
0
50
100
周囲温度[℃]
5.7
5.8
5.9
6.0
6.1
6.2
6.3
23
4
5
6
電源電圧[V]
2.0
3.0
4.0
5.0
6.0
23
4
5
6
電源電圧[V]
2.0
2.2
2.4
2.6
2.8
3.0
-50
0
50
100
周囲温度[℃]
2.0
2.2
2.4
2.6
2.8
3.0
-50
0
50
100
周囲温度[℃]
2.0
3.0
4.0
5.0
6.0
23
4
5
6
電源電圧[V]
-0.5
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
周囲温度[℃]
-0.5
0.0
0.5
1.0
1.5
2.0
234
56
電源電圧[V]
Fig. 21 ICC1 vs. Supply Voltage
Fig. 22 ICC1 vs. Ambient Temperature
Fig.26 ICC2 vs. Ambient Temperature
Ta=25℃
VCC=5V
Fig.29 Vom vs. Supply Voltage
Fig.30 Vom vs. Ambient Temperature
Fig.31 GV vs. Supply Voltage
Fig.32 GV vs. Ambient Temperature
Fig.35 GF vs. Supply Voltage
Fig.36 GF vs. Ambient Temperature
Fig.25 ICC2 vs. Supply Voltage
Ta=25℃
BH76330/31FV
BH76330FV
VCC=5V
Fig. 23 ICC1 vs. Supply Voltage
Fig.24 ICC1 vs. Ambient Temperature
BH76330/31FV
BH76330FV
BH76360FV
Ta=25℃
VCC=3V
Ta=25℃
VCC=5V
Fig.27 Vom vs. Supply Voltage
Fig.28 Vom vs. Ambient Temperature
Fig.33 GV vs. Supply Voltage
Fig.34 GV vs. Ambient Temperature
BH76330FV
BH76330FV
Ta=25℃
VCC=5V
BH76330FV
BH76330FV
BH76330FV
Ta=25℃
BH76331FV
VCC=5V
BH76331FV
Ta=25℃
BH76331FV
BH76331FV
VCC=3V
Ta=25℃
BH76331FV
BH76331FV
VCC=5V
0
5
10
15
20
23456
電源電圧[V]
出力C容量:470uF
出力Cレス
0
5
10
15
20
-50
0
50
100
周囲温度[℃]
0
5
10
15
20
23456
電源電圧[V]
0
5
10
15
20
-50
0
50
100
周囲温度[℃]
Supply Voltage [V]
Supply Voltage [V]
Ambient Temperature [℃]
Ambient Temperature [℃]
Ambient Temperature [℃]
Supply Voltage [V]
Ambient Temperature [℃]
Supply Voltage [V]
Ambient Temperature [℃]
Supply Voltage [V]
Ambient Temperature [℃]
Supply Voltage [V]
Ambient Temperature [℃]
Supply Voltage [V]
Ambient Temperature [℃]
Output capacitance C: 470 µF
No output capacitance
Supply Voltage [V]


Similar Part No. - BH76331FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7634AS ROHM-BH7634AS Datasheet
245Kb / 12P
   Audio / video switch for CANAL - Plus decoder
logo
List of Unclassifed Man...
BH7636S ETC-BH7636S Datasheet
252Kb / 2P
   Video Switch for Canal
More results

Similar Description - BH76331FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7612F ROHM-BA7612F Datasheet
151Kb / 5P
   Single Output Video Drivers with built-in input Selector
BA7613F ROHM-BA7613F Datasheet
134Kb / 5P
   Single Output Video Drivers with built-in Input Selector
BA7654F ROHM-BA7654F_1 Datasheet
156Kb / 5P
   Single Circuit Video Signal Switchers
BA7653AFV ROHM-BA7653AFV Datasheet
220Kb / 5P
   Single Circuit Video Signal Switchers
BA7653AF ROHM-BA7653AF_1 Datasheet
222Kb / 5P
   Single Circuit Video Signal Switchers
BA7652AF ROHM-BA7652AF_1 Datasheet
153Kb / 5P
   Single Circuit Video Signal Switchers
BH76906GU ROHM-BH76906GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
BH76912GU ROHM-BH76912GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
BH76812FVM ROHM-BH76812FVM Datasheet
144Kb / 6P
   Low voltage operation video driver with LPF
BH76816FVM ROHM-BH76816FVM Datasheet
142Kb / 6P
   Low voltage operation video driver with LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com