Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH76330FV Datasheet(PDF) 31 Page - Rohm

Part # BH76330FV
Description  Video Drivers with Built-in Low Voltage operation Single Video Switchers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH76330FV Datasheet(HTML) 31 Page - Rohm

Back Button BH76330FV Datasheet HTML 25Page - Rohm BH76330FV Datasheet HTML 26Page - Rohm BH76330FV Datasheet HTML 27Page - Rohm BH76330FV Datasheet HTML 28Page - Rohm BH76330FV Datasheet HTML 29Page - Rohm BH76330FV Datasheet HTML 30Page - Rohm BH76330FV Datasheet HTML 31Page - Rohm BH76330FV Datasheet HTML 32Page - Rohm BH76330FV Datasheet HTML 33Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
Technical Note
BH76330FVM, BH76331FVM, BH76360FV, BH76361FV,
BH76332FVM, BH76333FVM, BH76362FV, BH76363FV
31/32
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
External dimensions and label codes
Fig.101
External Dimensions of BH7636xFV Series Package
When used with 3-input, 1-output video switch BH7633xFVM
Fig. 14 above shows an application example in which two of these ICs are used. When the similar IC models BH7633xFVM
and BH7636xFV are used at the same time, the type of configuration shown below can be combined. In such cases, input
coupling capacitors can be used, as in the application example in Fig. 14.
Fig.102 Application Example in which BH76330FVM and BH76360FV Are Used Concurrently
For details of BH7633xFVM, see the BH7633xFVM Series Application Notes.
Rear
monitor
SSOP-B16 (unit: mm )
76360
Lot.No.
Model
Code
BH76360FV
76360
BH76361FV
76361
BH76362FV
76362
BH76363FV
76363
16
2
IIN1
OUT
Clamp
75Ω
75Ω
フロントモニタ
4
IIN2 Clamp
6
IIN3 Clamp
16
1
OUT
Clamp
75Ω
75Ω
リアモニタ
3
Clamp
5
Clamp
外部入力
TV
DVD
※2
BH76360FV
BH76330FVM
8
IIN4 Clamp
9
IIN5 Clamp
11
IIN6 Clamp
ナビ画面
リアカメラ
IIN1
IIN2
IIN3
※3
※1
※2
1
Input coupling capacitor can be used with
this.
2
Output coupling capacitors can be omitted
when using BH76330FVM or BH76360FV,
and this helps reduce the number of parts.
3
Any inputs that are not used should be
connected directly to VCC or shorted with
GND via a capacitor.
External input
Navigation
screen
Rear camera
Front
monitor
Rear
monitor


Similar Part No. - BH76330FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7634AS ROHM-BH7634AS Datasheet
245Kb / 12P
   Audio / video switch for CANAL - Plus decoder
logo
List of Unclassifed Man...
BH7636S ETC-BH7636S Datasheet
252Kb / 2P
   Video Switch for Canal
More results

Similar Description - BH76330FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7612F ROHM-BA7612F Datasheet
151Kb / 5P
   Single Output Video Drivers with built-in input Selector
BA7613F ROHM-BA7613F Datasheet
134Kb / 5P
   Single Output Video Drivers with built-in Input Selector
BA7654F ROHM-BA7654F_1 Datasheet
156Kb / 5P
   Single Circuit Video Signal Switchers
BA7653AFV ROHM-BA7653AFV Datasheet
220Kb / 5P
   Single Circuit Video Signal Switchers
BA7653AF ROHM-BA7653AF_1 Datasheet
222Kb / 5P
   Single Circuit Video Signal Switchers
BA7652AF ROHM-BA7652AF_1 Datasheet
153Kb / 5P
   Single Circuit Video Signal Switchers
BH76906GU ROHM-BH76906GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
BH76912GU ROHM-BH76912GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
BH76812FVM ROHM-BH76812FVM Datasheet
144Kb / 6P
   Low voltage operation video driver with LPF
BH76816FVM ROHM-BH76816FVM Datasheet
142Kb / 6P
   Low voltage operation video driver with LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com