Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH76363FV Datasheet(PDF) 27 Page - Rohm

Part # BH76363FV
Description  Video Drivers with Built-in Low Voltage operation Single Video Switchers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH76363FV Datasheet(HTML) 27 Page - Rohm

Back Button BH76363FV Datasheet HTML 23Page - Rohm BH76363FV Datasheet HTML 24Page - Rohm BH76363FV Datasheet HTML 25Page - Rohm BH76363FV Datasheet HTML 26Page - Rohm BH76363FV Datasheet HTML 27Page - Rohm BH76363FV Datasheet HTML 28Page - Rohm BH76363FV Datasheet HTML 29Page - Rohm BH76363FV Datasheet HTML 30Page - Rohm BH76363FV Datasheet HTML 31Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Technical Note
BH76330FVM, BH76331FVM, BH76360FV, BH76361FV,
BH76332FVM, BH76333FVM, BH76362FV, BH76363FV
27/32
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Ta=25℃
VCC=5V, Ta=25℃
Fig.37 GF vs. Supply Voltage
Fig.38 GF vs. Ambient Temperature
Fig.39
Frequency Response
BH76360/61FV
BH76361FV
VCC=5V
-75
-73
-71
-69
-67
-65
-50
0
50
100
周囲温度[℃]
-75
-73
-71
-69
-67
-65
23
456
電源電圧[V]
BH76360/61FV
VCC=5V
-80
-78
-76
-74
-72
-70
-50
0
50
100
周囲温度[℃]
-80
-78
-76
-74
-72
-70
23
45
6
電源電圧[V]
Ta=25℃
BH76360/61FV
BH76360/61FV
VCC=5V
-15
-10
-5
0
5
1M
10M
100M
Frequency[Hz]
BH76360FV
VCC=5V, Ta=25℃
BH76360/61FV
VCC=5V
BH76360/61FV
0.0
0.5
1.0
1.5
2.0
23
456
電源電圧[V]
Ta=25℃
BH76360FV
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
周囲温度[℃]
VCC=5V
BH76361FV
BH76361FV
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
周囲温度[℃]
出力C容量:470uF
出力Cレス
BH76360FV
Ta=25℃
BH76360FV
VCC=5V
BH76360FV
Ta=25℃
BH76361FV
VCC=5V, Ta=25℃
BH76361FV
Ta=25℃
VCC=5V
0
0.5
1
1.5
2
234
5
6
電源電圧[V]
0
0.5
1
1.5
2
-50
0
50
100
周囲温度[℃]
0
10
20
30
40
50
60
70
-50
0
50
100
周囲温度[℃]
0
5
10
15
20
0
0.5
1
1.5
2
CTL_D端子電圧
-15
-10
-5
0
5
1M
10M
100M
Frequency[Hz]
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
23
4
5
6
電源電圧[V]
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
-50
0
50
100
周囲温度[℃]
0.0
0.5
1.0
1.5
2.0
23
45
6
電源電圧[V]
出力C容量:470uF
出力Cレス
Supply Voltage [V]
Ambient Temperature [℃]
Fig. 40 Frequency Response
Fig.41 CT(worst) vs. Supply Voltage
Fig.42 CT(worst) vs. Ambient Temperature
Supply Voltage [V]
Ambient Temperature [℃]
Supply Voltage [V]
Ambient Temperature [℃]
Fig.43 MT(worst) vs. Supply Voltage
Fig.44 MT(wrost) vs. Ambient Temperature
CTL_D pin voltage [V]
Ambient Temperature [℃]
Fig. 45 CTLd pin voltage vs Circuit Current
(CLT threshold )
Fig.46 ITHH vs. Ambient Temperature
(Voltage applied to CTL pin = 2V)
Supply Voltage [V]
Ambient Temperature [℃]
Fig.47 DG vs. Supply Voltage
Fig.48 DG vs. Ambient Temperature
Output capacitance C: 470 µF
No output capacitance
Output capacitance C: 470 µF
No output capacitance
Supply Voltage [V]
Ambient Temperature [℃]
Supply Voltage [V]
Ambient Temperature [℃]
Fig.52 DP vs. Ambient Temperature
Fig.49 DG vs. Supply Voltage
Fig.50 DG vs. Ambient Temperature
Fig.51 DP vs. Supply Voltage


Similar Part No. - BH76363FV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BH7636S ETC-BH7636S Datasheet
252Kb / 2P
   Video Switch for Canal
More results

Similar Description - BH76363FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7612F ROHM-BA7612F Datasheet
151Kb / 5P
   Single Output Video Drivers with built-in input Selector
BA7613F ROHM-BA7613F Datasheet
134Kb / 5P
   Single Output Video Drivers with built-in Input Selector
BA7654F ROHM-BA7654F_1 Datasheet
156Kb / 5P
   Single Circuit Video Signal Switchers
BA7653AFV ROHM-BA7653AFV Datasheet
220Kb / 5P
   Single Circuit Video Signal Switchers
BA7653AF ROHM-BA7653AF_1 Datasheet
222Kb / 5P
   Single Circuit Video Signal Switchers
BA7652AF ROHM-BA7652AF_1 Datasheet
153Kb / 5P
   Single Circuit Video Signal Switchers
BH76906GU ROHM-BH76906GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
BH76912GU ROHM-BH76912GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
BH76812FVM ROHM-BH76812FVM Datasheet
144Kb / 6P
   Low voltage operation video driver with LPF
BH76816FVM ROHM-BH76816FVM Datasheet
142Kb / 6P
   Low voltage operation video driver with LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com