Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BR24A Datasheet(PDF) 1 Page - Rohm

Part No. BR24A
Description  High Reliability Series EEPROMs I2C BUS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24A Datasheet(HTML) 1 Page - Rohm

  BR24A Datasheet HTML 1Page - Rohm BR24A Datasheet HTML 2Page - Rohm BR24A Datasheet HTML 3Page - Rohm BR24A Datasheet HTML 4Page - Rohm BR24A Datasheet HTML 5Page - Rohm BR24A Datasheet HTML 6Page - Rohm BR24A Datasheet HTML 7Page - Rohm BR24A Datasheet HTML 8Page - Rohm BR24A Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2009.08 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
Serial EEPROM Series
High Reliability Series
EEPROMs I2C BUS
BR24A□□-WM series
Description
BR24A□□-WM series is a serial EEPROM of I
2C BUS interface method.
Features
1) Completely conforming to the world standard I
2C BUS. All controls available by 2 ports of serial clock(SCL) and serial data(SDA)
2) Other devices than EEPROM can be connected to the same port, saving microcontroller port
3) 2.5V~5.5V single power source action most suitable for battery use
4) Page write mode useful for initial value write at factory shipment
5) Highly reliable connection by Au pad and Au wire
6) Auto erase and auto end function at data rewrite
7) Low current consumption
At write operation (5V)
: 1.2mA (Typ.)
*1
At read operation (5V)
: 0.2mA (Typ.)
At standby operation (5V) : 0.1μA (Typ.)
8) Write mistake prevention function
Write (write protect) function added
Write mistake prevention function at low voltage
9) SOP8/SOP-J8/MSOP8 compact package
*2
10) Data rewrite up to 100,000 times
11) Data kept for 40 years
12) Noise filter built in SCL / SDA terminal
13) Shipment data all address FFh
*1 BR24A32-WM,BR24A64-WM : 1.5mA
*2 Refer to following list
Page write
Number of Pages
8Byte
16Byte
32Byte
Product
number
BR24A01A-WM
BR24A02-WM
BR24A04-WM
BR24A08-WM
BR24A16-WM
BR24A32-WM
BR24A64-WM
BR24A series
Capacity
Bit format
Type
Power source Voltage
SOP8
SOP-J8
MSOP8
1Kbit
128×8
BR24A01A-WM
2.5~5.5V
2Kbit
256×8
BR24A02-WM
2.5~5.5V
4Kbit
512×8
BR24A04-WM
2.5~5.5V
8Kbit
1K×8
BR24A08-WM
2.5~5.5V
16Kbit
2K×8
BR24A16-WM
2.5~5.5V
32Kbit
4K×8
BR24A32-WM
2.5~5.5V
64Kbit
8K×8
BR24A64-WM
2.5~5.5V
No.09001ECT02


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn