Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BR24A Datasheet(PDF) 6 Page - Rohm

Part No. BR24A
Description  High Reliability Series EEPROMs I2C BUS
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BR24A Datasheet(HTML) 6 Page - Rohm

Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
BR24A□□-WM series
Technical Note
6/17
www.rohm.com
2009.08 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
Characteristic data (The following values are Typ. ones.)
0
0.1
0.2
0.3
0.4
0.5
0.6
01
2
3
4
5
6
Vcc[V]
SPEC1,2
Ta=25℃
Ta=-40℃
Ta=105℃
0
1
2
3
4
012
34
56
Vcc[V]
SPEC1
SPEC2
SPEC2
Ta=-40℃
Ta=25℃
Ta=105℃
SPEC1
0
1
2
3
4
01
23
45
6
Vcc[V]
Ta=105℃
Ta=25℃
Ta=-40℃
SPEC2
SPEC1
SPEC2
SPEC1
-200
-150
-100
-50
0
50
0
1
2
3
456
Vcc[V]
SPEC1,2
Ta=-40℃
Ta=105℃
Ta=25℃
-200
-100
0
100
200
300
0123456
Vcc[V]
Ta=-40℃
Ta=105℃
Ta=25℃
SPEC1
SPEC2
-200
-100
0
100
200
300
01
23
4
5
6
Vcc[V]
Ta=105℃
Ta=25℃
Ta=-40℃
SPEC1
SPEC2
Fig.21 Input data hold time tHD:DAT(LOW)
Fig.22 Input data setup time tSU:DAT(HIGH)
Fig.23 Input data setup time tSU:DAT(LOW)
Fig.24 Output data delay time tPD0
Fig.25 Output data delay time tPD1
0
1
2
3
4
5
01
2
3
45
6
Vcc[V]
SPEC2
SPEC1
Ta=-40℃
Ta=25℃
Ta=105℃
0
1
2
3
4
5
6
01
234
56
Vcc[V]
SPEC1,2
Ta=25℃
Ta=-40℃
Ta=105℃
Fig.26 Bus release time before transfer start tBUF
Fig.27 Internal write cycle time tWR
0
0.1
0.2
0.3
0.4
0.5
0.6
01
23
45
6
Vcc[V]
SPEC1,2
Ta=-40℃
Ta=25℃
Ta=105℃
0
0.1
0.2
0.3
0.4
0.5
0.6
0123
456
Vcc[V]
Ta=-40℃
Ta=25℃
Ta=105℃
SPEC1
0
0.1
0.2
0.3
0.4
0.5
0.6
0123456
Vcc[V]
SPEC1
Ta=-40℃
Ta=105℃
Ta=25℃
-0.6
-0.4
-0.2
0
0.2
0123
45
6
Vcc[V]
SPEC1,2
Ta=105℃
Ta=-40℃
Ta=25℃
0
0.2
0.4
0.6
0.8
1
1.2
012
3
456
Vcc[V]
SPEC1,2
Ta=-40℃
Ta=25℃
Ta=105℃
Fig.28 Noise removal valid time tI(SCL H)
Fig.29 Noise removal valid time tI(SCL L)
Fig.30 Noise removal valid time tI(SDA H)
Fig.31 Noise removal valid time tI(SDA L)
Fig.32 WP setup time tSU:WP
Fig.33 WP valid time tHIGH:WP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn