Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BR24A Datasheet(PDF) 17 Page - Rohm

Part No. BR24A
Description  High Reliability Series EEPROMs I2C BUS
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BR24A Datasheet(HTML) 17 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
BR24A□□-WM series
Technical Note
17/17
www.rohm.com
2009.08 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
Ordering part number
B
R
2
4
A
0
1
F
-
W M
E
2
Part No.
BUS type
Operating
Capacity
Package
Double cell
Packaging and forming specification
24 :I
2C
temperature 01= 1K
02= 2K
F : SOP8
E2: Embossed tape and reel
A:-40℃~
04= 4K
08= 8K
FJ : SOP-J8
TR: Embossed tape and reel
+105℃
16=16K
32=32K
FVM : MSOP8
64=64K
Package specifications
(Unit : mm)
SOP8
4
°
+6°
−4°
0.17
+0.1
-0.05
0.595
6
4
3
8
2
5
1
7
5.0
±0.2
(MAX 5.35 include BURR)
1.27
0.42
±0.1
S
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
SOP-J8
4
° +6°
−4°
0.2
±0.1
234
5
6
7
8
1
4.9
±0.2
0.545
(MAX 5.25 include BURR)
0.42
±0.1
1.27
0.1 S
S
(Unit : mm)
MSOP8
0.08 S
S
8
3
1
6
2.9
±0.1
0.475
4
5
7
(MAX 3.25 include BURR)
2
1PIN MARK
0.65
0.22
+0.05
–0.04
0.145
+0.05
–0.03
4
°
+6°
−4°
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
()
1pin


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn